| Electronic Components Datasheet Search |
|
DFE252012F-R47M Datasheet(PDF) 75 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M Datasheet(HTML) 75 Page - Analog Devices |
|
75 / 122 page ![]() BUCK_STAT (0x22) BIT 7 6 5 4 3 2 1 0 Field M4_SCFLT M3_SCFLT M2_SCFLT M1_SCFLT M4_POK M3_POK M2_POK M1_POK Reset 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0 Access Type Read Only Read Only Read Only Read Only Read Only Read Only Read Only Read Only BITFIELD BITS TYPE DESCRIPTION DECODE M4_SCFLT 7 O Buck Master4 Short-Circuit Fault Status 0x0 = Buck Master4 output voltage is higher than its SCP threshold, or Buck Master1 is disabled. 0x1 = Buck Master4 output voltage is lower than its SCP threshold. M3_SCFLT 6 O Buck Master3 Short-Circuit Fault Status 0x0 = Buck Master3 output voltage is higher than its SCP threshold, or Buck Master1 is disabled. 0x1 = Buck Master3 output voltage is lower than its SCP threshold. M2_SCFLT 5 O Buck Master2 Short-Circuit Fault Status 0x0 = Buck Master2 output voltage is higher than its SCP threshold, or Buck Master1 is disabled. 0x1 = Buck Master2 output voltage is lower than its SCP threshold. M1_SCFLT 4 O Buck Master1 Short-Circuit Fault Status 0x0 = Buck Master1 output voltage is higher than its SCP threshold, or Buck Master1 is disabled. 0x1 = Buck Master1 output voltage is lower than its SCP threshold. M4_POK 3 O Buck Master4 Power-OK Status 0x0 = Buck Master4 output voltage is lower than its POK threshold, or Buck Master1 is disabled. 0x1 = Buck Master4 output voltage is higher than its POK threshold. M3_POK 2 O Buck Master3 Power-OK Status 0x0 = Buck Master3 output voltage is lower than its POK threshold, or Buck Master1 is disabled. 0x1 = Buck Master3 output voltage is higher than its POK threshold. M2_POK 1 O Buck Master2 Power_OK Status 0x0 = Buck Master2 output voltage is lower than its POK threshold, or Buck Master1 is disabled. 0x1 = Buck Master2 output voltage is higher than its POK threshold. M1_POK 0 O Buck Master1 Power-OK Status 0x0 = Buck Master1 output voltage is lower than its POK threshold, or Buck Master1 is disabled. 0x1 = Buck Master1 output voltage is higher than its POK threshold. MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 75 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |