Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
ISL85415
7. Application Guidelines
FN8373 Rev.5.01
Page 28 of 30
Jun.4.20
7.8
Layout Considerations
Proper layout of the power converter minimizes EMI and noise and insure first pass success of the design. Printed
Circuit Board (PCB) layouts are provided in multiple formats on the website. In addition, Figure 64 illustrates the
important points in the PCB layout. Physically, the PCB layout of the ISL85415 is simple.
A multi-layer printed circuit board with GND plane is recommended. Figure 64 shows the connections of the
critical components in the converter. Note: capacitors CIN and COUT could each represent multiple physical
capacitors. The most critical connections are to tie the PGND pin to the package GND pad and then use vias to
directly connect the GND pad to the system GND plane. This connection of the GND pad to system plane ensures
a low impedance path for all return current, and an excellent thermal path to dissipate heat. With this connection
made, place the high frequency MLCC input capacitor near the VIN pin and use vias directly at the capacitor pad
to tie the capacitor to the system GND plane.
The boot capacitor is easily placed on the PCB side opposite the controller IC and two vias directly connect the
capacitor to BOOT and PHASE.
Place a 1µF MLCC near the VCC pin and directly connect its return with a via to the system GND plane.
Place the feedback divider close to the FB pin and do not route any feedback components near PHASE or BOOT.
If external components are used for SS, COMP, or FS, the same advice applies.
Figure 64. Printed Circuit Board Power Planes and Islands
L1
COUT
CVIN
CSS
RFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com