Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
ISL85415
8. Revision History
FN8373 Rev.5.01
Page 29 of 30
Jun.4.20
8.
Revision History
Rev.
Date
Description
5.01
Jun.4.20
Updated title for Figure 2 -
from: Shutdown Supply Current vs Temperature
to: Efficiency vs Load Current and Supply Voltage
Updated Disclaimer
5.00
Jul.24.19
Applied new formatting.
Updated Related Literature section.
Updated Ordering Information table by adding tape and reel information, updating notes, and adding
evaluation boards.
Updated FB voltage in the Electrical Specifications section: Min change from 0.589 to 0.594, Typ
changed from 0.599 to 0.600, and Max changed from 0.609 to 0.606.
Updated FB voltage to 2% in the Light Load Operation section.
Added Minimum On/Off-Time Limitation section.
Removed About Intersil section.
Updated POD to the latest revision.
4.00
Oct.30.14
Replaced Figure 59 on page 19
Updated About Intersil verbiage
Added Feedback button
3.00
Nov.22.13
“Pin Descriptions” on page 3 made correction to page reference for SS pin and added text for SYNC
pin after “Connect to logic low or ground for PFM Mode” which reads “Logic ground enables the IC to
automatically choose PFM or PWM operation” and 1MΩ changed to 5MΩ.
Electrical Spec Table for “SYNC Pulse Width” on page 8 changed 100ns from TYP to MIN
Added Note reference to Minimum On Time in “Electrical spec” table on page 8.
Equation 12 on page 21 changed value changed from 157kΩ to 150.2kΩ
Added sentence to last paragraph on page 21 which begins with “In practice...”
Figure 49 on page 15 changed scale on VOUT from 2V/div to 10mV/div
2.00
Oct.26.13
Removed Table of key differences from page 1.
Equation 9 on page 20 and Equation 12 on page 21 changed coefficient from 31.4 to 27.3.
1.00
Oct.05.13
Figure 38 on page 13 changed "PWM" to "PFM" in the title.
All LX notations changed to PHASE in Typical Performance Curves beginning on page 12.
0.00
Jul.15.13
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com