Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ISL85415
7. Application Guidelines
FN8373 Rev.5.01
Page 23 of 30
Jun.4.20
7.
Application Guidelines
7.1
Simplifying the Design
While the ISL85415 offers user programmed options for most parameters, the easiest implementation with fewest
components involves selecting internal settings for SS, COMP, and FS. Table 1 on page 3 provides component
value selections for a variety of output voltages that allow the designer to implement solutions with a minimum of
effort.
7.2
Operating Frequency
The ISL85415 operates at a default switching frequency of 500kHz if the FS pin is tied to VCC. Tie a resistor from
the FS pin to GND to program the switching frequency from 300kHz to 2MHz, as shown in Equation 4.
where t is the switching period in µs.
7.3
Synchronization Control
The frequency of operation can be synchronized up to 2MHz by an external signal applied to the SYNC pin. The
rising edge on the SYNC triggers the rising edge of PHASE. To properly sync, the external source must be at least
10% greater than the programmed free running IC frequency.
Figure 60. PWM Operation Waveforms
RFS k

108.75k
 t
0.2
s  1s
–
=
(EQ. 4)
300
200
100
0
500
750
1000
1250
1500
1750
2000
fSW (kHz)
400
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com