Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ISL85415
3. Efficiency Curves
FN8373 Rev.5.01
Page 10 of 30
Jun.4.20
3.
Efficiency Curves
fSW = 800kHz, TA = +25°C
Figure 6. Efficiency vs Load, PFM, VOUT = 5V
Figure 7. Efficiency vs Load, PWM, VOUT = 5V
Figure 8. Efficiency vs Load, PFM, VOUT = 3.3V
Figure 9. Efficiency vs Load, PWM, VOUT = 3.3V
Figure 10. Efficiency vs Load, PFM, VOUT = 1.8V
Figure 11. Efficiency vs Load, PWM, VOUT = 1.8V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Output Load (A)
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
VIN = 6V
50
55
60
65
70
75
80
85
90
95
100
0
0.05
0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45
0.50
Output Load (A)
VIN = 6V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Output Load (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45
0.50
Output Load (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45
0.50
Output Load (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45
0.50
Output Load (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com