Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
ISL85415
7. Application Guidelines
FN8373 Rev.5.01
Page 27 of 30
Jun.4.20
It is acceptable to use 150kΩ as the closest standard value for R6.
It is also acceptable to use the closest standard values for C6 and C7. There is approximately 3pF parasitic
capacitance from VCOMP to GND; therefore, C7 is optional. Use C6 = 1500pF and C7 = OPEN.
Use C3 = 68pF. Note: C3 can increase the loop bandwidth from previous estimated value. Figure 63 on page 27
shows the simulated voltage loop gain. It is shown that it has a 75kHz loop bandwidth with a 61° phase margin
and 6dB gain margin. It can be more desirable to achieve an increased gain margin, which can be accomplished
by lowering R6 by 20% to 30%. In practice, ceramic capacitors have significant derating on voltage and
temperature, depending on the type. See the ceramic capacitor datasheet for more details.
Figure 63. Simulated Loop Gain
(EQ. 15)
C6
5V 22
F
500mA 150k
------------------------------------------
1.46nF
=
=
(EQ. 16)
C7 max
5m
 22F
150k
--------------------------------
1
 500kHz 150k

----------------------------------------------------
(,
)
0.7pF 4.2pF
(,)
=
=
60
45
30
15
0
-15
-30
100
1k
10k
100k
1M
Frequency (Hz)
180
150
120
90
60
30
0
100
1k
10k
100k
1M
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com