Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
ISL85415
7. Application Guidelines
FN8373 Rev.5.01
Page 25 of 30
Jun.4.20
The following equations allow calculation of the required capacitance to meet a desired ripple voltage level.
Additional capacitance can be used.
For the ceramic capacitors (low ESR):
where ΔΙ is the inductor’s peak-to-peak ripple current, fSW is the switching frequency and COUT is the output
capacitor.
If using electrolytic capacitors then:
7.7
Loop Compensation Design
When COMP is not connected to VCC, the COMP pin is active for external loop compensation. The ISL85415
uses constant frequency peak current mode control architecture to achieve a fast loop transient response. An
accurate current sensing pilot device in parallel with the upper MOSFET is used for peak current control signal
and overcurrent protection. The inductor is not considered as a state variable since its peak current is constant,
and the system becomes a single order system. It is much easier to design a type II compensator to stabilize the
loop than to implement voltage mode control. Peak current mode control has an inherent input voltage
feed-forward function to achieve good line regulation. Figure 61 shows the small signal model of the synchronous
buck regulator.
Figure 61. Small Signal Model of Synchronous Buck Regulator
Figure 62. Type II Compensator
(EQ. 8)
VOUTripple
I
8fSWCOUT
-----------------------------------
=
(EQ. 9)
VOUTripple I*ESR
=
d
Vin
d
IL
in
in
i
L
+
1:D
L
i
Co
Rc
-Av(S)
d
comp
v
RT
Fm
He(S)
+
Ti(S)
K
o
v
Tv(S)
I
LP
+
1:D
Rc
Ro
-Av(S)
RT
Fm
He(S)
Ti(S)
K
o
T(S)
^
^
V^
^
^
^
^
^
RLP
-
+
R6
V
V
Vo
GM
V
C7
-
+
C6
VREF
VFB
Vo
VCOMP
C3
R2
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com