Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ISL85415
2. Specifications
FN8373 Rev.5.01
Page 8 of 30
Jun.4.20
2.4
Electrical Specifications
Recommended operating conditions, TA = -40°C to +125°C, VIN = 3V to 36V, unless otherwise specified. Typical values are at TA = +25°C.
Boldface limits apply across the operating temperature range (-40°C to +125°C).
Parameter
Symbol
Test Conditions
Min
(Note 8)Typ
Max
(Note 8)Unit
Supply Voltage
VIN Voltage Range
VIN
336
V
VIN Quiescent Supply Current
IQ
VFB = 0.7V, SYNC = 0V, fSW = VCC
80
µA
VIN Shutdown Supply Current
ISD
EN = 0V, VIN = 36V (Note 6)1.8
2.5
µA
VCC Voltage
VCC
IOUT = 0mA
4.8
5.15
5.5
V
VIN = 6V; IOUT = 10mA
4.65
5
5.35
V
Power-on Reset
VCC POR Threshold
Rising Edge
2.75
2.95
V
Falling Edge
2.4
2.6
V
Oscillator
Nominal Switching Frequency
fSW
FS Pin = VCC
440
500
560
kHz
Resistor from FS pin to GND = 340kΩ
240
300
360
kHz
Resistor from FS pin to GND = 32.4kΩ
2000
kHz
Minimum Off-Time
tMIN_OFF VIN = 3V
150
ns
Minimum On-Time
tMIN_ON
(Note 9)90
ns
FS Voltage
VFS
RFS = 100kΩ
0.39
0.4
0.41
V
Synchronization Frequency
SYNC
300
2000
kHz
SYNC Pulse Width
100
ns
Error Amplifier
Error Amplifier Transconductance Gain
gm
External Compensation
165
230
295
µA/V
Internal Compensation
50
µA/V
FB Leakage Current
VFB = 0.6V
1
100
nA
Current Sense Amplifier Gain
RT
0.54
0.6
0.66
V/A
FB Voltage
0.594
0.600
0.606
V
Power-Good
Lower PG Threshold - VFB Rising
90
94
%
Lower PG Threshold - VFB Falling
82.5
86
%
Upper PG Threshold - VFB Rising
116.5
120
%
Upper PG Threshold - VFB Falling
107
112
%
PG Propagation Delay
Percentage of the soft-start time
10
%
PG Low Voltage
ISINK = 3mA, EN = VCC, VFB = 0V
0.05
0.3
V
Tracking and Soft-Start
Soft-Start Charging Current
ISS
1.5
2
2.5
µA
Internal Soft-Start Ramp Time
EN/SS = VCC
1.7
2.4
3.1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com