Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
ISL85415
5. Detailed Description
FN8373 Rev.5.01
Page 19 of 30
Jun.4.20
5.
Detailed Description
The ISL85415 combines a synchronous buck PWM controller with integrated power switches. The buck controller
drives internal high-side and low-side N-channel MOSFETs to deliver load current up to 500mA. The buck
regulator can operate from an unregulated DC source, such as a battery, with a voltage ranging from +3V to +36V.
An internal LDO provides bias to the low voltage portions of the IC.
Peak current mode control is used to simplify feedback loop compensation and reject input voltage variation. User
selectable internal feedback loop compensation further simplifies design. The ISL85415 switches at a default
500kHz.
The buck regulator is equipped with an internal current sensing circuit and the peak current limit threshold is
typically set at 0.9A.
5.1
Power-On Reset
The ISL85415 automatically initializes upon receipt of the input power supply and continually monitors the EN pin
state. If EN is held below its logic rising threshold the IC is held in shutdown and consumes typically 1µA from the
VIN supply. If EN exceeds its logic rising threshold, the regulator enables the bias LDO and begin to monitor the
VCC pin voltage. When the VCC pin voltage clears its rising POR threshold the controller initializes the switching
regulator circuits. If VCC never clears the rising POR threshold, the controller does not allow the switching
regulator to operate. If VCC falls below its falling POR threshold while the switching regulator is operating, the
switching regulator shuts down until VCC returns.
5.2
Soft Start
To avoid large in-rush current, VOUT is slowly increased at start-up to its final regulated value. Soft-start time is
determined by the SS pin connection. If SS is pulled to VCC, an internal 2ms timer is selected for soft-start. For
other soft-start times, simply connect a capacitor from SS to GND. In this case, a 2µA current pulls up the SS
voltage and the FB pin follows this ramp until it reaches the 600mV reference level. Soft-start time for this case is
described by Equation 1:
5.3
Power-Good
PG is the open-drain output of a window comparator that continuously monitors the buck regulator output voltage
using the FB pin. PG is actively held low when EN is low and during the buck regulator soft-start period. After the
soft-start period completes, PG becomes high impedance provided the FB pin is within the range specified in the
“Electrical Specifications” on page 8. Should FB exit the specified window, PG is pulled low until FB returns.
Over-temperature faults also force PG low until the fault condition is cleared by an attempt to soft-start. There is
also an internal 5MΩ internal pull-up resistor.
5.4
PWM Control Scheme
The ISL85415 employs peak current-mode Pulse-Width Modulation (PWM) control for fast transient response and
pulse-by-pulse current limiting, as shown in the “Block Diagram” on page 4. The current loop consists of the
current sensing circuit, slope compensation ramp, PWM comparator, oscillator, and latch. Current sense
trans-resistance is typically 600mV/A and slope compensation rate, Se, is typically 450mV/T where T is the
switching cycle period. The control reference for the current loop comes from the error amplifier’s output (VCOMP).
A PWM cycle begins when a clock pulse sets the PWM latch and the upper FET is turned on. Current begins to
ramp up in the upper FET and inductor. This current is sensed (VCSA), converted to a voltage and summed with
the slope compensation signal. This combined signal is compared to VCOMP and when the signal is equal to
VCOMP, the latch is reset. Upon latch reset the upper FET is turned off and the lower FET turned on allowing
current to ramp down in the inductor. The lower FET remains on until the clock initiates another PWM cycle.
Figure 57 shows the typical operating waveforms during the PWM operation. The dotted lines illustrate the sum of
the current sense and slope compensation signal.
Time ms

CnF
0.3
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com