Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
ISL85415
7. Application Guidelines
FN8373 Rev.5.01
Page 24 of 30
Jun.4.20
7.4
Minimum On/Off-Time Limitation
Minimum on-time (tMIN_ON) is the shortest duration of time that the HS FET can be turned on and minimum off-
time (tMIN_OFF) is the shortest duration of time that the HS FET can be turned off. The typical tMIN_ON is 90ns and
the typical tMIN_OFF is 150ns. For a given tMIN_ON and tMIN_OFF, the higher the switching frequency, the narrower
the range of allowed duty cycle, which translates to a smaller range of allowed VIN.
For a given output voltage (VOUT) and switching frequency (fsw), the maximum allowed input voltage is given by
Equation 5:
The minimum allowed voltage is given by Equation 6:
Table 2 shows the recommended switching frequencies for the various VOUT to operate up to the maximum VIN of
36V.
7.5
Output Inductor Selection
The inductor value determines the converter’s ripple current. Choosing an inductor current requires a somewhat
arbitrary choice of ripple current, ΔΙ. A reasonable starting point is 30% of total load current. The inductor value
can then be calculated using Equation 7:
Increasing the value of inductance reduces the ripple current and threrefore the ripple voltage. However, the
larger inductance value can reduce the converter’s response time to a load transient. The inductor current rating
should be set so that it does not saturate in overcurrent conditions. For typical ISL85415 applications, inductor
values are generally in the 10µH to 47µH range. In general, higher VOUT results in higher inductance.
7.6
Buck Regulator Output Capacitor Selection
An output capacitor is required to filter the inductor current. The current mode control loop allows the use of low
ESR ceramic capacitors, so it supports very small circuit implementations on the PC board. Electrolytic and
polymer capacitors can also be used.
While ceramic capacitors offer excellent overall performance and reliability, the actual in-circuit capacitance must
be considered. Ceramic capacitors are rated using large peak-to-peak voltage swings and with no DC bias. In the
DC/DC converter application, these conditions do not reflect reality. As a result, the actual capacitance can be
considerably lower than the advertised value. Consult the manufacturers data sheet to determine the actual
in-application capacitance. Most manufacturers publish capacitance vs DC bias so that this effect can be easily
accommodated. The effects of AC voltage are not frequently published, but an assumption of ~20% further
reduction generally suffices. The result of these considerations can mean an effective capacitance 50% lower
than nominal and this value should be used in all design calculations. Nonetheless, ceramic capacitors are a very
good choice in many applications due to their reliability and extremely low ESR.
Table 2.
Recommended Switching Frequencies for Various VOUT
VIN (Maximum) (V)
VOUT (V)
fSW (kHz)
36
5
500
36
3.3
500
36
2.5
500
36
1.8
300
(EQ. 5)
VIN max

VOUT
fSW tMIN_ON
--------------------------------------
=
(EQ. 6)
VIN min

VOUT
1f
– SW tMIN_OFF
--------------------------------------------------
=
(EQ. 7)
L
VIN VOUT
–
fSW I
------------------------------
VOUT
VIN
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com