Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ISL85415
2. Specifications
FN8373 Rev.5.01
Page 7 of 30
Jun.4.20
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
2.3
Recommended Operation Conditions
Parameter
Minimum
Maximum
Unit
VIN to GND
-0.3
+42
V
PHASE to GND (DC)
-0.3
VIN + 0.3 (DC)
V
PHASE to GND
-2
43 (20ns)
V
EN to GND
-0.3
+42
V
BOOT to PHASE
-0.3
+5.5
V
COMP, FS, PG, SYNC, SS, VCC to GND
-0.3
+5.9
V
FB to GND
-0.3
+2.95
V
ESD Rating
Value
Unit
Human Body Model (Tested per JESD22-A114)
3
kV
Charged Device Model (Tested per JESD22-C101E)
1.5
kV
Machine Model (Tested per JESD22-A115)
200
V
Latch-Up (Tested per JESD78E; Class 2, Level A)
100
mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely
impact product reliability and result in failures not covered by warranty.
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
12 Ld DFN Package (Notes 4, 5)44
5.5
Notes:
4. θJA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features.
See TB379.
5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature (Plastic Package)
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Ambient Temperature Range
-40
+125
°C
Operating Junction Temperature Range
-40
+125
°C
Pb-Free Reflow Profile
see TB493
Parameter
Minimum
Maximum
Unit
Temperature
-40
+125
°C
Supply Voltage
3
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com