Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ISL85415
5. Detailed Description
FN8373 Rev.5.01
Page 20 of 30
Jun.4.20
Output voltage is regulated as the error amplifier varies VCOMP and therefore the output inductor current. The
error amplifier is a trans-conductance type and its output (COMP) is terminated with a series RC network to GND.
This termination is internal (150k/54pF) if the COMP pin is tied to VCC. Additionally, the trans-conductance for
COMP = VCC is 50µs vs 220µs for external RC connection. Its non-inverting input is internally connected to a
600mV reference voltage and its inverting input is connected to the output voltage via the FB pin and its
associated divider network.
5.5
Light Load Operation
At light loads, converter efficiency can be improved by enabling variable frequency operation (PFM). Connecting
the SYNC pin to GND allows the controller to choose such operation automatically when the load current is low.
Figures 58 shows the DCM operation. The ISL85415 enters the DCM mode of operation when eight consecutive
cycles of inductor current crossing zero are detected. This event corresponds to a load current equal to 1/2 the
peak-to-peak inductor ripple current and set by Equation 2:
where D = duty cycle, fSW = switching frequency, L = inductor value, IOUT = output loading current, VOUT = and
output voltage.
While operating in PFM mode, the regulator controls the output voltage with a simple comparator and pulsed FET
current. A comparator signals the point at which FB is equal to the 600mV reference at which time the regulator
begins providing pulses of current until FB is moved above the 600mV reference by 1%. The current pulses are
Figure 57. PWM Operation Waveforms
Figure 58. DCM Mode Operation Waveforms
VCOMP
VCSA
Duty
Cycle
IL
VOUT
IOUT
VOUT 1D
–

2LfSW
----------------------------------
=
(EQ. 2)
Clock
IL
VOUT
0
8 Cycles
PWM
DCM
PWM
Load Current
Pulse Skip
DCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com