Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL85415DEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FN8373 Rev.5.01
Page 1 of 30
Jun.4.20
ISL85415
Wide VIN 500mA Synchronous Buck Regulator
Datasheet
The ISL85415 is a 500mA synchronous buck
regulator with an input range of 3V to 36V. The device
provides an easy-to-use high-efficiency, low
BOM-count solution for a variety of applications.
The ISL85415 integrates both high-side and low-side
NMOS FET's and features a PFM mode for improved
efficiency at light loads. The feature can be disabled if
forced PWM mode is desired. The device switches at
a default frequency of 500kHz, but can also be
programmed using an external resistor from 300kHz
to 2MHz. The ISL85415 has the ability to use internal
or external compensation. By integrating both NMOS
devices and providing internal configuration options,
minimal external components are required, reducing
both the BOM count and complexity of design.
With the wide VIN range and reduced BOM the part
provides an easy to implement design solution for a
variety of applications while giving superior
performance. It provides a very robust design for
high-voltage Industrial applications and delivers an
efficient solution for battery powered applications.
The ISL85415 is available in a small Pb-free
4mmx3mm DFN plastic package with an operation
temperature range of -40°C to +125°C.
Related Literature
For a full list of related documents, visit our website:
• ISL85415 device page
Features
• Wide input voltage range 3V to 36V
• Synchronous operation for high efficiency
• No compensation required
• Integrated High-side and Low-side NMOS devices
• Selectable PFM or forced PWM mode at light loads
• Internal fixed (500kHz) or adjustable switching
frequency 300kHz to 2MHz
• Continuous output current up to 500mA
• Internal or external soft-start
• Minimal external components required
• Power-good and enable functions available.
Applications
• Industrial control
• Medical devices
• Portable instrumentation
• Distributed power supplies
• Cloud infrastructure
Figure 1. Typical Application
Figure 2. Efficiency vs Load Current and
Supply Voltage
GND
CBOOT
100nF
CFB
R3
R2
PHASE
SS
SYNC
BOOT
VIN
PGND
FS
COMP
FB
VCC
PG
EN
CVCC
1µF
CVIN
10µF
L1
22µH
COUT
10µF
1
2
3
4
5
6
9
10
11
12
Internal Default Parameter Selection
VOUT
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Output Load (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V


Similar Part No. - ISL85415DEMO2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
Wide VIN 500mA Synchronous Buck Regulator
July 15, 2013
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
September 26, 2013
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415A INTERSIL-ISL85415A Datasheet
1Mb / 23P
Wide VIN 500mA Synchronous Buck Regulator
July 15, 2013
More results

Similar Description - ISL85415DEMO2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
Wide VIN 500mA Synchronous Buck Regulator
July 15, 2013
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
September 26, 2013
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
Wide VIN 1A Synchronous Buck Regulator
November 22, 2013
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
500mA Wide VIN Synchronous Buck Regulator
logo
Intersil Corporation
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
Renesas Technology Corp
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
Wide VIN 800mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com