Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL85415DEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ISL85415
1. Overview
FN8373 Rev.5.01
Page 5 of 30
Jun.4.20
1.3
Ordering Information
1.4
Pin Configuration
1.5
Pin Descriptions
Part Number
(Notes 2, 3)
Part Marking
Temp Range (°C)
Tape and Reel
(Units) (Note 1)
Package
(RoHS Compliant)
Pkg. Dwg. #
ISL85415FRZ
5415
-40 to +125
4.5k
12 Ld DFN
L12.4x3
ISL85415FRZ-T
5415
-40 to +125
6k
12 Ld DFN
L12.4x3
ISL85415FRZ-T7A
5415
-40 to +125
250
12 Ld DFN
L12.4x3
ISL85415EVAL1Z
Buck regulator evaluation board
ISL85415EVAL2Z
Negative buck-boost evaluation board
ISL85415DEMO1Z
Buck regulator evaluation board (compact version)
ISL85415DEMO2Z
Dual output isolated buck converter demo board
Notes:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL85415 device page. For more information about MSL, see TB363.
12 Ld 4x3 DFN
Top View
Pin Number
Pin Name
Description
1
SS
The SS pin controls the soft-start ramp time of the output. A single capacitor from the SS pin to
ground determines the output ramp rate. See “Soft Start” on page 19 for soft-start details. If the SS
pin is tied to VCC, an internal soft-start of 2ms is used.
2
SYNC
Synchronization and light load operational mode selection input. Connect to logic high or VCC for
PWM mode. Connect to logic low or ground for PFM mode. Logic ground enables the IC to
automatically choose PFM or PWM operation. Connect to an external clock source for
synchronization with positive edge trigger. Sync source must be higher than the programmed IC
frequency. There is an internal 5MΩ pull-down resistor to prevent an undefined logic state if SYNC
is left floating.
3
BOOT
Floating bootstrap supply pin for the power MOSFET gate driver. The bootstrap capacitor provides
the necessary charge to turn on the internal N-Channel MOSFET. Connect an external 100nF
capacitor from this pin to PHASE.
4
VIN
The input supply for the power stage of the regulator and the source for the internal linear bias
regulator. Place a minimum of 4.7µF ceramic capacitance from VIN to GND and close to the IC for
decoupling.
PIN NUMBER
SYMBOL
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com