Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ISL85415
6. Protection Features
FN8373 Rev.5.01
Page 22 of 30
Jun.4.20
6.
Protection Features
The ISL85415 is protected from overcurrent, negative overcurrent, and over-temperature. The protection circuits
operate automatically.
6.1
Overcurrent Protection
During PWM on-time, current through the upper FET is monitored and compared to a nominal 0.9A peak
overcurrent limit. In the event that current reaches the limit, the upper FET turns off until the next switching cycle.
In this way, FET peak current is always well limited.
If the overcurrent condition persists for 17 sequential clock cycles, the regulator begins its hiccup sequence. In
this case, both FETS turn off and PG pulls low. This condition is maintained for eight soft-start periods; afterwards,
the regulator attempts a normal soft-start.
If the output fault persists, the regulator repeats the hiccup sequence indefinitely. There is no danger even if the
output is shorted during soft-start.
If VOUT is shorted very quickly, FB can collapse below 5/8ths of its target value before 17 cycles of overcurrent
are detected. The ISL85415 recognizes this condition and begins to lower its switching frequency proportional to
the FB pin voltage, which ensures the inductor current cannot run away (even with VOUT near 0V).
6.2
Negative Current Limit
If an external source somehow drives the current into VOUT, the controller attempts to regulate VOUT by reversing
its inductor current to absorb the externally sourced current. If the external source is low impedance, the current
can be reversed to unacceptable levels, and the controller initiates its negative current limit protection. Similar to
normal overcurrent, the negative current protection is realized by monitoring the current through the lower FET.
When the valley point of the inductor current reaches negative current limit, the lower FET is turned off and the
upper FET is forced on until current reaches the positive current limit or an internal clock signal is issued. At this
point, the lower FET is allowed to operate. If the current is pulled to the negative limit on the next cycle, the upper
FET is again forced on, and current is forced to 1/6th of the positive current limit. At this point, the controller turns
off both FET’s and waits for COMP to indicate return to normal operation. During this time, the controller applies a
100Ω load from PHASE to PGND and attempts to discharge the output. Negative current limit is a pulse-by-pulse
style operation, and recovery is automatic. Negative current limit protection is disabled in PFM operating mode
because reverse current is not allowed to build due to the diode emulation behavior of the lower FET.
6.3
Over-Temperature Protection
Over-temperature protection limits maximum junction temperature in the ISL85415. When the junction
temperature (TJ) exceeds +150°C, both FET’s are turned off and the controller waits for the temperature to
decrease by approximately 20°C. During this time, PG is pulled low. When temperature is within an acceptable
range, the controller initiates a normal soft-start sequence. For continuous operation, the +125°C junction
temperature rating should not be exceeded.
6.4
Boot Undervoltage Protection
If the boot capacitor voltage falls below 1.8V, the boot undervoltage protection circuit turns on the lower FET for
400ns to recharge the capacitor. This operation can arise during long periods of no switching such as PFM no
load situations. In PWM operation near dropout (VIN near VOUT), the regulator can hold the upper FET on for
multiple clock cycles. To prevent the boot capacitor from discharging, the lower FET is forced on for approximately
200ns every 10 clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com