Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
ISL85415
7. Application Guidelines
FN8373 Rev.5.01
Page 26 of 30
Jun.4.20
Figure 62 shows the type II compensator and its transfer function is expressed, as shown in Equation 10:
where
Compensator design goal:
• High DC gain
• Choose Loop bandwidth fc less than 100kHz
• Gain margin: >10dB
• Phase margin: >40°
The compensator design procedure is as follows:
The loop gain at crossover frequency of fc has a unity gain. Therefore, the compensator resistance R6 is
determined by Equation 11.
where GM is the trans-conductance, gm, of the voltage error amplifier in each phase. Compensator capacitor C6 is
then given by Equation 12.
Put one compensator pole at zero frequency to achieve high DC gain, and put another compensator pole at either
ESR zero frequency or half switching frequency, whichever is lower in Equation 12. An optional zero can boost
the phase margin. ωCZ2 is a zero due to R2 and C3.
Put compensator zero two to five times fc
Example: VIN = 12V, VO = 5V, IO = 500mA, fSW = 500kHz, R2 = 90.9kΩ, Co = 22µF/5mΩ, L = 39µH, fc = 50kHz,
then compensator resistance R6:
(EQ. 10)
Av S

vˆCOMP
vˆFB
------------------
GM R3
C6 C7
+
 R
2
R3
+

-------------------------------------------------------
1
S
cz1
------------
+

 1
S
cz2
------------
+


S1
S
cp1
------------
+

 1
S
cp2
------------
+


-------------------------------------------------------------
=
=
cz1
1
R6C6
--------------
cz2
1
R2C3
--------------
=
cp1
C6 C7
+
R6C6C7
----------------------
cp2
R2 R3
+
C3R2R3
----------------------
=
=
,
=
(EQ. 11)
R6
2
f
cVoCoRt
GM VFB
--------------------------------
27.3
3
10 f
cVoCo
==
(EQ. 12)
C6
RoCo
R6
--------------
VoCo
IoR6
-------------- C7 max
RcCo
R6
--------------
1
f
sR6
---------------
(,
)
=
,
=
=
(EQ. 13)
C3
1
f
cR2
---------------
=
(EQ. 14)
R6
27.3
3
10 50kHz 5V 22F
150.2k
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com