Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL85415DEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ISL85415
1. Overview
FN8373 Rev.5.01
Page 3 of 30
Jun.4.20
1.
Overview
1.1
Typical Application Diagrams
Figure 3. Internal Default Parameter Selection
Figure 4. User Programmable Parameter Selection
Table 1.
External Component Selection
VOUT (V)
L1 (µH)
COUT (µF)
R2 (kΩ)R3 (kΩ)CFB (pF)
RFS (kΩ)RCOMP (kΩ)CCOMP (pF)
12
45
10
90.9
4.75
22
115
100
470
5
22
2 x 22
90.9
12.4
100
120
100
470
3.3
22
2 x 22
90.9
20
100
120
100
470
2.5
22
2 x 22
90.9
28.7
100
120
100
470
1.8
22
22
100
50
22
120
50
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com