Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ISL85415
1. Overview
FN8373 Rev.5.01
Page 6 of 30
Jun.4.20
5
PHASE
Switch node output. It connects the switching FET’s with the external output inductor.
6
PGND
Power ground connection. Connect directly to the system GND plane.
7
EN
Regulator enable input. The regulator and bias LDO are held off when the pin is pulled to ground.
When the voltage on this pin rises above 1V, the chip is enabled. Connect this pin to VIN for
automatic start-up. Do NOT connect EN pin to VCC since the LDO is controlled by EN voltage.
8
PG
Open-drain power-good output that is pulled to ground when the output voltage is below regulation
limits or during the soft-start interval. There is an internal 5MΩ internal pull-up resistor.
9
VCC
Output of the internal 5V linear bias regulator. Decouple to PGND with a 1µF ceramic capacitor at
the pin.
10
FB
Feedback pin for the regulator. FB is the inverting input to the voltage loop error amplifier. COMP is
the output of the error amplifier. The output voltage is set by an external resistor divider connected
to FB. In addition, the PWM regulator’s power-good and UVLO circuits use FB to monitor the
regulator output voltage.
11
COMP
COMP is the output of the error amplifier. When it is tied to VCC, internal compensation is used.
When only an RC network is connected from COMP to GND, external compensation is used. See
“Loop Compensation Design” on page 25 for more details.
12
FS
Frequency selection pin. Tie to VCC for 500kHz switching frequency. Connect a resistor to GND for
adjustable frequency from 300kHz to 2MHz.
EPAD
GND
Signal ground connections. Connect to application board GND plane with at least five vias. All
voltage levels are measured with respect to this pin. The EPAD MUST NOT float.
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com