Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ISL85415
2. Specifications
FN8373 Rev.5.01
Page 9 of 30
Jun.4.20
Fault Protection
Thermal Shutdown Temperature
TSD
Rising Threshold
150
°C
THYS
Hysteresis
20
°C
Current Limit Blanking Time
tOCON
17
Clock
pulses
Overcurrent and Auto Restart Period
tOCOFF
8
SS
cycle
Positive Peak Current Limit
IPLIMIT
(Note 7)
0.8
0.9
1
A
PFM Peak Current Limit
IPK_PFM
0.26
0.3
0.34
A
Zero Cross Threshold
10
mA
Negative Current Limit
INLIMIT
(Note 7)
-0.46
-0.40
-0.34
A
Power MOSFET
High-side
RHDS
IPHASE = 100mA, VCC = 5V
450
600
mΩ
Low-side
RLDS
IPHASE = 100mA, VCC = 5V
250
330
mΩ
PHASE Leakage Current
EN = PHASE = 0V
300
nA
PHASE Rise Time
tRISE
VIN = 36V
10
ns
EN/SYNC
Input Threshold
Falling Edge, Logic Low
0.4
1V
Rising Edge, Logic High
1.2
1.4
V
EN Logic Input Leakage Current
EN = 0V/36V
-0.5
0.5
µA
SYNC Logic Input Leakage Current
SYNC = 0V
10
100
nA
SYNC = 5V
1.0
1.3
µA
Notes:
6. Test condition: VIN = 36V, FB forced above regulation point (0.6V), no switching, and power MOSFET gate charging current not included.
7. Established by both current sense amplifier gain test and current sense amplifier output test at IL = 0A.
8. Parameters with Min and/or Max limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
9. Minimum on-time required to maintain loop stability.
Recommended operating conditions, TA = -40°C to +125°C, VIN = 3V to 36V, unless otherwise specified. Typical values are at TA = +25°C.
Boldface limits apply across the operating temperature range (-40°C to +125°C). (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 8)Typ
Max
(Note 8)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com