Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85415DEMO2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL85415DEMO2Z
Description  Wide VIN 500mA Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85415DEMO2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL85415DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85415DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ISL85415
5. Detailed Description
FN8373 Rev.5.01
Page 21 of 30
Jun.4.20
approximately 300mA and are issued at a frequency equal to the converters programmed PWM operating
frequency.
Due to the pulsed current nature of PFM mode, the converter can supply limited current to the load. If the load
current rises beyond the limit, VOUT begins to decline. A second comparator signals an FB voltage 2% lower than
the 600mV reference and forces the converter to return to PWM operation.
5.6
Output Voltage Selection
The regulator output voltage is easily programmed using an external resistor divider to scale VOUT relative to the
internal reference voltage. The scaled voltage is applied to the inverting input of the error amplifier; see Figure 59.
The output voltage programming resistor, R3, depends on the value chosen for the feedback resistor, R2, and the
desired output voltage, VOUT, of the regulator. Equation 3 describes the relationship between VOUT and resistor
values.
If the desired output voltage is 0.6V, then R3 is left unpopulated and R2 is 0Ω.
Figure 59. External Resistor Divider
R2
R3
0.6V
EA
Reference
VOUT
FB
R3
R2 0.6V

VOUT 0.6V
–
---------------------------------
=
(EQ. 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com