Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 112Page - STMicroelectronics STM32MP251C Datasheet HTML 113Page - STMicroelectronics STM32MP251C Datasheet HTML 114Page - STMicroelectronics STM32MP251C Datasheet HTML 115Page - STMicroelectronics STM32MP251C Datasheet HTML 116Page - STMicroelectronics STM32MP251C Datasheet HTML 117Page - STMicroelectronics STM32MP251C Datasheet HTML 118Page - STMicroelectronics STM32MP251C Datasheet HTML 119Page - STMicroelectronics STM32MP251C Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 241 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)
(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDCPU(8)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
245
290
360
410
530
mA
1200
600
-
-
-
165
210
270
320
420
750
600
-
-
-
105
130
200
240
330
600
600
-
-
-
84
110
170
220
300
IDDCPU(9)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun: P0)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
130
160
230
270
380
mA
1200
600
-
-
-
89.5
120
180
220
310
750
600
-
-
-
57
73
140
180
270
600
600
-
-
-
46
61
130
170
260
IDDCPU(3)
Supply current
in Run mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
245
290
360
410
540
mA
1200
600
400
200
800
165
210
270
320
410
750
600
400
200
800
105
130
200
240
330
600
600
400
200
800
84
110
170
220
310
IDDCPU(10)
Supply current
in Run mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
-
245
290
360
410
510
mA
1200
600
400
200
-
165
210
270
320
410
750
600
400
200
-
105
130
200
240
330
600
600
400
200
-
84
110
170
220
310
IDDCPU(9)
Supply current
in Run mode
All
peripherals
Disabled
DRun
(CRun: P0)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
-
130
160
230
280
370
mA
1200
600
400
200
-
89.5
120
180
220
310
750
600
400
200
-
57
73
140
190
270
600
600
400
200
-
46
60
130
170
260
IDDCPU(10)
Supply current
in Run mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
245
290
360
410
510
mA
1200
600
-
-
-
165
210
270
320
410
750
600
-
-
-
105
130
200
240
330
600
600
-
-
-
84
110
170
220
310
300
300
-
-
-
43.5
58
120
170
250
150
150
-
-
-
22.5
34
95
140
230
HSI
HSI 64 HSI 64
-
-
-
11
23
81
130
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com