Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 110Page - STMicroelectronics STM32MP251C Datasheet HTML 111Page - STMicroelectronics STM32MP251C Datasheet HTML 112Page - STMicroelectronics STM32MP251C Datasheet HTML 113Page - STMicroelectronics STM32MP251C Datasheet HTML 114Page - STMicroelectronics STM32MP251C Datasheet HTML 115Page - STMicroelectronics STM32MP251C Datasheet HTML 116Page - STMicroelectronics STM32MP251C Datasheet HTML 117Page - STMicroelectronics STM32MP251C Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 241 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDCORE
Supply
current in Run
mode
All
peripherals
Disabled
DStop1
(CStop)
Run1
(CSleep)
SRun1
(CStop)
HSE +
HSI
mA
-
HSI 64
HSE
40
-
-
32.5
80
340
520
850
IDDCORE
Supply
current in Run
mode
All
peripherals
Disabled
DStandby
(CStandby)(12)
(13)
Run2
(CSleep)
SRun1
(CStop)
HSE +
HSI +
PLL
-
HSI 64
400
-
-
65.5
130
380
560
880
mA
-
HSI 64
200
-
-
47.5
110
360
540
860
-
HSI 64
100
-
-
38.5
88
350
530
850
HSI
-
HSI 64
HSI
64
-
-
35.5
86
350
520
850
HSE +
HSI
-
HSI 64
HSE
40
-
-
32.5
80
340
520
840
1. P0 and P1 are state of cores inside CPU1 when in CRun state. 'P0&P1' indicate that both cores are executing a test software. 'P0' indicate that only P0 is executing a test software
while other core is clock gated (either in WFI or WFE or not present in the device).
2. ck_icn_ddr.
3. Values for STM32MP257x.
4. Activity on peripherals and bus masters other than processors, could lead to additional power consumption above these values, largely dependent on the amount of initialized
peripherals and their activity.
5. Typical value given with VDDCPU = 0.91 V, maximum values given with VDDCPU = 0.935 V.
6. Typical value given with VDDGPU = 0.9 V, maximum values given with VDDGPU = 0.961 V.
7. Values for STM32MP255x.
8. Values for STM32MP253x.
9. Values for STM32MP251x.
10. Values for STM32MP257x and STM32MP255x.
11. Not relevant for STM32MP251x.
12. CStandby = CStop and PDDS_D1 = 1.
13. VDDCPU is shutdown..
14. eCSleep mean CPU1 in enhanced CSleep with PLL1 automatically stopped (RCC_C1SREQSETR.ESLPREQ=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com