Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 40Page - STMicroelectronics STM32MP251C Datasheet HTML 41Page - STMicroelectronics STM32MP251C Datasheet HTML 42Page - STMicroelectronics STM32MP251C Datasheet HTML 43Page - STMicroelectronics STM32MP251C Datasheet HTML 44Page - STMicroelectronics STM32MP251C Datasheet HTML 45Page - STMicroelectronics STM32MP251C Datasheet HTML 46Page - STMicroelectronics STM32MP251C Datasheet HTML 47Page - STMicroelectronics STM32MP251C Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 241 page
background image
•
CRC generation/checking
•
4b5b encode/decode
•
ordered sets (with a programmable ordered set mask at receive)
•
frequency recovery in receiver during preamble
The interface offers low-power operation compatible with Stop mode, maintaining the capacity to detect incoming
USB Power Delivery messages.
3.63
Universal serial bus 3.0 dual role data (USB3DR)
•
5 Gbit/s PHY (COMBOPHY)
•
xHCI model.
•
Dual Role Data. The USB3DR can be configured statically as a Host or Device port.
•
OTG is not supported:
–
Dynamic switch from Host (resp. Device) to Device (resp. Host) role is not supported.
–
Host Negotiation Protocol (HNP), Role Swap Protocol (RSP), Session Request Protocol (SRP),
Attach Detection Protocol (ADP) are not supported.
•
USB3 SuperSpeed mode (5 Gbit/s), as well as USB2 Low-Speed/Full-Speed/Hi-Speed modes (when Host)
or USB2 Full-Speed/Hi-Speed modes (when Device).
•
Descriptor caching and data pre-fetching to meet system performance.
•
Variable FIFO buffer allocation for each endpoint.
•
Simultaneously 4 Gbps IN and 4 Gbps OUT bandwidth
•
DMA engine
•
Supports Battery Charging v1.2, with the exception of the Accessory Charger Adapter mode
The standards supported are:
•
Universal Serial Bus 3.0 Specification, Revision 1.0, November 12, 2008
•
Universal Serial Bus Specification, Revision 2.0, USB Implementers Forum, Inc., April 27, 2000
•
Errata for “USB Revision 2.0 April 27 2000” as of May 28, 2002, USB-IF
•
eXtensible Host Controller Interface for Universal Serial Bus (xHCI), Revision 1.1, Intel Corp., December
20, 2013
•
UTMI+ Specification, Revision 1.0, ULPI Working Group, February 25, 2004
•
Battery Charging Specification, Revision 1.2, December 7, 2010
3.64
PCI Express interface (PCIE)
The PCIE controller has the following features:
•
one lane Generation2 PCIe
•
dual-mode (RC or EP)
•
PTM
•
256 byte maximum payload size
•
Remote device maximum read request size 1K Byte
•
Single Virtual Channel
•
Single Function
•
Legacy INTx support, MSI and GICv2m host support
•
ASPM L0s and L1, and L1.1 substate
•
AER
•
internal ATU
•
5 Gbit/s PHY (COMBOPHY)
An included PCIe reference clock generator (REFGEN) provides a 100 MHz differential clock to a PCIe link
partner. This can be used to eliminate the external 100 MHz clock source that is typically found in PCIe common-
clock implementations.
The PCIE internal reference clock is 25 MHz (without SSC). There is also the option of an external PCIE
differential reference clock 100 MHz (with SSC).
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 44/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com