Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 24Page - STMicroelectronics STM32MP251C Datasheet HTML 25Page - STMicroelectronics STM32MP251C Datasheet HTML 26Page - STMicroelectronics STM32MP251C Datasheet HTML 27Page - STMicroelectronics STM32MP251C Datasheet HTML 28Page - STMicroelectronics STM32MP251C Datasheet HTML 29Page - STMicroelectronics STM32MP251C Datasheet HTML 30Page - STMicroelectronics STM32MP251C Datasheet HTML 31Page - STMicroelectronics STM32MP251C Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 241 page
background image
The interrupt request and event request generation can also be used in Run mode.
The EXTI also includes the EXTI I/Oport selection.
Each interrupt or event can be set as secure to restrict access to secure software only.
EXTI1 is shared between Cortex-A35 and Cortex-M33 while EXTI2 is shared between all cores.
3.22
Cyclic redundancy check calculation unit (CRC)
The CRC calculation unit is used to get a CRC code using a programmable polynomial.
Among other applications, CRC-based techniques are used to verify data transmission or storage integrity. In the
scope of the EN/IEC 60335-1 standard, they offer a means of verifying the flash memory integrity.
The CRC calculation unit helps computing a signature of the software during runtime, to be compared with a
reference signature generated at link-time and stored at a given memory location.
3.23
Flexible memory controller (FMC)
The FMC main features are the following:
•
Interface with static-memory mapped devices including:
–
NOR flash memory
–
Static or pseudo-static random access memory (SRAM, PSRAM)
–
NAND flash memory with 4-bit/8-bit BCH hardware ECC
•
8-,16-bit data bus width
•
Independent chip-select control for each memory bank
•
Independent configuration for each memory bank
•
Write FIFO
3.24
Octo-SPI memory interface (OCTOSPI1/2)
The OCTOSPI supports two protocols used by most external serial memories such as serial PSRAMs, serial
NAND and serial NOR flash memories, HyperRAMs, and HyperFlash memories:
•
Indirect mode: all the operations are performed using the OCTOSPI registers.
•
Automatic status-polling mode: the external memory status register is periodically read and an interrupt can
be generated in case of flag setting.
•
Memory-mapped mode: the external memory is memory mapped ,and is seen by the system as if it was an
internal memory supporting both read and write operations.
The OCTOSPI supports multiple protocols:
•
XSPI protocol and its various flavors (such as XCELLA, OCTABUS, HyperBus™ as defined by memory
providers)
3.25
On-the-fly decoder (OTFDEC1/2)
The OTFDEC is used to decrypt on-the-fly AHB traffic based on the read request address information. Four
independent and non-overlapping encrypted regions can be defined in the OTFDEC.
The OTFDEC uses AES-128 in counter mode to achieve the lowest possible latency. Each time the content of an
encrypted region is changed, the entire region must be re-encrypted with a different cryptographic context (key or
initialization vector). This constraint makes the OTFDEC suitable to decrypt read-only data or code, stored in
external NOR flash memory.
3.26
Octo-SPI I/O manager (OCTOSPIM)
The OCTOSPIM is an internal multiplexer:
•
Efficient OCTOSPI pin assignment by allowing pin swapping
•
Multiplexing two single-, dual-, quad, or octal-SPI interfaces over the same external bus: interfaces (with for
example different security attributes) share then the same memory, or access two memories embedded in
a multichip package.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 28/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com