Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 2 Page - STMicroelectronics

  STM32MP251C Datasheet HTML 1Page - STMicroelectronics STM32MP251C Datasheet HTML 2Page - STMicroelectronics STM32MP251C Datasheet HTML 3Page - STMicroelectronics STM32MP251C Datasheet HTML 4Page - STMicroelectronics STM32MP251C Datasheet HTML 5Page - STMicroelectronics STM32MP251C Datasheet HTML 6Page - STMicroelectronics STM32MP251C Datasheet HTML 7Page - STMicroelectronics STM32MP251C Datasheet HTML 8Page - STMicroelectronics STM32MP251C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 241 page
background image
•
Controls for PMIC companion chip
Low-power consumption
Clock management
•
Internal oscillators: 64 MHz HSI, 4/16 MHz MSI, 32 kHz LSI
•
External oscillators: 16-48 MHz HSE, 32.768 kHz LSE
•
Up to 8× PLLs with fractional mode
General-purpose inputs/outputs
•
Up to 172 secure I/O ports with interrupt capability
–
Up to 6 wake-up inputs
–
Up to 8 tamper input pins + 8 active tampers output pins
Interconnect matrix
•
Bus matrices
–
128-, 64-, 32-bit STNoC interconnect, up to 600 MHz
–
32-bit Arm® AMBA® AHB interconnect, up to 400 MHz
4 DMA controllers to unload the CPU
•
48 + 4 physical channels in total
•
3× dual master port, high-performance, general-purpose, direct memory access controller (HPDMA), 16
channels each
•
1× low-power DMA controller with 4 channels in SmartRun domain
Up to 51 communication peripherals
•
8× I2C FM+ (1 Mbit/s, SMBus/PMBus®)
•
4× I3C (12.5 Mbit/s)
•
5× UART + 4× USART (12.5 Mbit/s, ISO7816 interface, LIN, IrDA, SPI) + 1× LPUART
•
8× SPI (50 Mbit/s, including 3 with full duplex I2S audio class accuracy via internal audio PLL or external
clock)(+2 with OCTOSPI + 4 with USART)
•
4× SAI (stereo audio: I2S, PDM, SPDIF Tx)
•
SPDIF Rx with 4 inputs
•
3× SDMMC up to 8-bit (SD/e•MMC™/SDIO)
•
Up to 3× CAN controllers supporting CAN FD protocol, out of which one supports time-triggered CAN
(TTCAN)
•
1× USB 2.0 high-speed Host with embedded 480 Mbits/s PHY
•
1× USB 2.0/3.0 high-speed/SuperSpeed dual role data with embedded 480 Mbits/s and 5 Gbits/s PHY
(5 Gbits/s PHY shared with PCI Express)
•
1× USB Type-C® Power Delivery control with two CC lines PHY
•
1 × PCI Express with embedded 5 Gbits/s PHY (PHY shared with USB 3.0 SuperSpeed)
•
Up to 3× Gigabit Ethernet interfaces
–
1× Gigabit Ethernet GMAC with one PHY interface (optional)
–
1× Gigabit Ethernet GMAC with one external PHY interface, optionally internally connected to one
embedded Ethernet switch providing two external PHY interfaces
–
TSN, IEEE 1588v2 hardware, MII/RMII/RGMII
STM32MP251C/F STM32MP253C/F STM32MP255C/F
STM32MP257C/F
DS14284 - Rev 3
page 2/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com