Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 1 Page - STMicroelectronics

  STM32MP251C Datasheet HTML 1Page - STMicroelectronics STM32MP251C Datasheet HTML 2Page - STMicroelectronics STM32MP251C Datasheet HTML 3Page - STMicroelectronics STM32MP251C Datasheet HTML 4Page - STMicroelectronics STM32MP251C Datasheet HTML 5Page - STMicroelectronics STM32MP251C Datasheet HTML 6Page - STMicroelectronics STM32MP251C Datasheet HTML 7Page - STMicroelectronics STM32MP251C Datasheet HTML 8Page - STMicroelectronics STM32MP251C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 241 page
background image
Features
Includes ST state-of-the-art patented technology.
Cores
•
Up to 64-bit dual-core Arm® Cortex®-A35
–
Up to 1.5 GHz
–
32-Kbyte I + 32-Kbyte D level 1 cache for each core
–
512-Kbyte unified level 2 cache
–
Arm® NEON™ and Arm® TrustZone®
•
32-bit Arm® Cortex®-M33 with FPU/MPU
–
Up to 400 MHz
–
L1 16-Kbyte I / 16-Kbyte D
–
Arm® TrustZone®
•
32-bit Arm® Cortex®-M0+ in SmartRun domain
–
Up to 200 MHz (up to 16 MHz in autonomous mode)
Memories
•
External DDR memory up to 4 Gbytes
–
Up to DDR3L-2133 16/32-bit
–
Up to DDR4-2400 16/32-bit
–
Up to LPDDR4-2400 16/32-bit
•
808-Kbyte internal SRAM: 256-Kbyte AXI SYSRAM, 128-Kbyte AXI video RAM
or SYSRAM extension, 256-Kbyte AHB SRAM, 128-Kbyte AHB SRAM with
ECC in backup domain, 8-Kbyte SRAM with ECC in backup domain, 32 Kbytes
in SmartRun domain
•
Two Octo-SPI memory interfaces
•
Flexible external memory controller with up to 16-bit data bus: parallel interface
to connect external ICs, and SLC NAND memories with up to 8-bit ECC
Security/safety
•
Secure boot, TrustZone® peripherals, active tamper, environmental monitors,
display secure layers, hardware accelerators
•
Complete resource isolation framework
Reset and power management
•
1.71 to 1.95 V and 2.7/3.0 to 3.6 V multiple section I/O supply
•
POR, PDR, PVD, and BOR
•
On-chip LDO and power-switches for RETRAM, BKPSRAM, VSW, and
SmartRun domains
•
Dedicated supplies for Cortex®-A35 and GPU/NPU (if present)
•
Internal temperature sensors
•
Low-power modes: Sleep, Stop, and Standby
•
DDR memory retention in Standby mode
TFBGA361 (16 × 16 mm) pitch 0.8 mm
VFBGA361 (10 × 10 mm) pitch 0.5 mm
VFBGA424 (14 × 14 mm) pitch 0.5 mm
TFBGA436 (18 × 18 mm) pitch 0.8 mm
Product summary
STM32MP25xC/F
STM32MP251C,
STM32MP251F,
STM32MP253C,
STM32MP253F,
STM32MP255C,
STM32MP255F,
STM32MP257C,
STM32MP257F
Arm® based dual Cortex®-A35 1.5 GHz + Cortex®-M33 MPU, AI, 3D GPU,
video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
STM32MP251C/F STM32MP253C/F
STM32MP255C/F STM32MP257C/F
Datasheet
DS14284 - Rev 3 - October 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32MP251C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32MP251A STMICROELECTRONICS-STM32MP251A Datasheet
16Mb / 241P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
17-Oct-2024
STM32MP251A STMICROELECTRONICS-STM32MP251A Datasheet
15Mb / 234P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
27-Jun-2024
STM32MP251A STMICROELECTRONICS-STM32MP251A_V01 Datasheet
15Mb / 234P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
27-Jun-2024
STM32MP251D STMICROELECTRONICS-STM32MP251D Datasheet
16Mb / 241P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
17-Oct-2024
STM32MP251D STMICROELECTRONICS-STM32MP251D Datasheet
15Mb / 234P
Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
27-Jun-2024
More results

Similar Description - STM32MP251C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32MP157D STMICROELECTRONICS-STM32MP157D_V01 Datasheet
3Mb / 261P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
17-May-2021
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
STMicroelectronics
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com