Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 9Page - STMicroelectronics STM32MP251C Datasheet HTML 10Page - STMicroelectronics STM32MP251C Datasheet HTML 11Page - STMicroelectronics STM32MP251C Datasheet HTML 12Page - STMicroelectronics STM32MP251C Datasheet HTML 13Page - STMicroelectronics STM32MP251C Datasheet HTML 14Page - STMicroelectronics STM32MP251C Datasheet HTML 15Page - STMicroelectronics STM32MP251C Datasheet HTML 16Page - STMicroelectronics STM32MP251C Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 241 page
background image
3
Functional overview
3.1
Dual-core Arm Cortex-A35 subsystem (CA35SS)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
3.1.1
Features
•
Armv8-A architecture
•
AArch32 for full backward compatibility with Armv7
•
AArch64 for 64-bit support and new architectural features
•
32-Kbyte L1 instruction cache for each CPU
•
32-Kbyte L1 data cache for each CPU
•
512-Kbyte level2 cache
•
Arm A64 + A32 + Thumb-2 instruction set
•
Arm TrustZone security technology
•
Arm NEON advanced SIMD
•
DSP and SIMD extensions
•
VFPv4 floating-point
•
Hardware virtualization support
•
Performance monitoring Uuit (PMU)
•
Program trace macrocell (PTM) that supports instruction trace only
•
Integrated generic interrupt controller (GIC) with 384 shared peripheral interrupts
•
Integrated generic timer (CNT)
Note:
The cryptographic extension is not supported.
3.1.2
Overview
The Cortex-A35 processor uses a highly-efficient 8-stage in-order pipeline that has been extensively optimized to
provide full Armv8-A features while maximizing area and power efficiency.
3.1.2.1
Thumb-2 technology
Delivers the peak performance of traditional Arm code, while also providing up to a 30 % reduction in memory
requirement for instructions storage.
3.1.2.2
TrustZone technology
Ensures reliable implementation of security applications ranging from digital rights management to electronic
payment. Broad support from technology and industry partners.
3.1.2.3
PMU
The PMU provides six performance monitors that can be configured to gather statistics on the operation of each
core and the memory system. The information can be used for debug and code profiling.
3.1.2.4
NEON and FPU
Advanced SIMD is a media and signal processing architecture that adds instructions primarily for audio, video,
3
‑D graphics, image, and speech processing. The floating-point architecture provides support for single-precision
and double-precision floating-point operations.
All scalar floating-point instructions are available in the A64 instruction set. All VFP instructions are available in
A32 and T32 instruction sets. The same advanced SIMD instructions are available in both A32 and T32
instruction sets. The A64 instruction set offers additional advanced SIMD instructions, including double-precision
floating-point vector operations.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 13/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com