Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 3 Page - STMicroelectronics

  STM32MP251C Datasheet HTML 1Page - STMicroelectronics STM32MP251C Datasheet HTML 2Page - STMicroelectronics STM32MP251C Datasheet HTML 3Page - STMicroelectronics STM32MP251C Datasheet HTML 4Page - STMicroelectronics STM32MP251C Datasheet HTML 5Page - STMicroelectronics STM32MP251C Datasheet HTML 6Page - STMicroelectronics STM32MP251C Datasheet HTML 7Page - STMicroelectronics STM32MP251C Datasheet HTML 8Page - STMicroelectronics STM32MP251C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 241 page
background image
•
Camera interface #1 (5 Mpixels @30 fps)
–
MIPI CSI-2®, 2× data lanes up to 2.5 Gbit/s each
–
8- to 16-bit parallel, up to 120 MHz
–
RGB, YUV, JPG, RawBayer with Lite-ISP
–
Lite-ISP, demosaicing, downscaling, cropping, 3 pixel pipelines
•
Camera interface #2 (1 Mpixels @15 fps)
–
8- to 14-bit parallel, up to 80 MHz
–
RGB, YUV, JPG
–
Cropping
•
Digital parallel interface up to 16-bit input or output
7 analog peripherals
•
3 × ADCs with 12-bit max. resolution (up to 5 Msps each, up to 23 channels)
•
Internal temperature sensor (DTS)
•
1× multifunction digital filter (MDF) with up to 8 channels/8 filters
•
1× audio digital filter (ADF) with 1 filter and sound activity detection
•
Internal (VREFBUF) or external ADC reference VREF+
Graphics
•
Optional 3D GPU: VeriSilicon® - Up to 900 MHz
–
OpenGL® ES 3.1 - Vulkan 1.3
–
OpenCL™ 3.0, OpenVX™ 1.3
–
Up to 150 Mtriangle/s, 900 Mpixel/s
•
LCD-TFT controller, up to 24-bit // RGB888
–
Up to FHD (1920 × 1080) @60 fps
–
3 layers including a secure layer
–
YUV support, 90° output rotation
•
Optional MIPI DSI®, 4× data lanes, up to 2.5 Gbit/s each
–
Up to QXGA (2048 × 1536) @60 fps
•
Optional FPD-1 and OpenLDI JEIDA/VESA (LVDS), up to 2× links of 4× data lanes, up to 1.1 Gbit/s per
lane
–
Up to QXGA (2048 × 1536) @60 fps
Artificial intelligence
•
Optional NPU: VeriSilicon® - Up to 900 MHz
–
TensorFlowLite - ONNX - Linux NN
Video processing
•
Optional hardware video encoder and decoder up to 600 MHz
–
H264/VP8 up to FHD (1920×1080) @60 fps
–
JPEG up to 500 Mpixel/s
–
128 Kbytes of video RAM
Up to 34 timers and 7 watchdogs
•
4× 32-bit timers with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input
•
3× 16-bit advanced motor control timers
•
10× 16-bit general-purpose timers (including 2 basic timers without PWM)
•
5× 16-bit low-power timers
•
Secure RTC with subsecond accuracy and hardware calendar
•
Up to 2× 4 Cortex®-A35 system timers (secure, non-secure, virtual, hypervisor)
STM32MP251C/F STM32MP253C/F STM32MP255C/F
STM32MP257C/F
DS14284 - Rev 3
page 3/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com