Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 3Page - STMicroelectronics STM32MP251C Datasheet HTML 4Page - STMicroelectronics STM32MP251C Datasheet HTML 5Page - STMicroelectronics STM32MP251C Datasheet HTML 6Page - STMicroelectronics STM32MP251C Datasheet HTML 7Page - STMicroelectronics STM32MP251C Datasheet HTML 8Page - STMicroelectronics STM32MP251C Datasheet HTML 9Page - STMicroelectronics STM32MP251C Datasheet HTML 10Page - STMicroelectronics STM32MP251C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 241 page
background image
•
two Octo-SPI flash memory interface , with on-the-fly content decryption
•
two camera interfaces for CMOS sensors, one with basic ISP, demosaicing and parallel or MIPI CSI
interface
•
an LCD-TFT display interface
•
a MIPI DSI display interface (optional)
•
an LVDS display interface (optional)
A comprehensive set of power-saving mode allows the design of low-power applications.
STM32MP25xC/F devices are proposed in various packages up to 436 balls with 0.5 mm to 0.8 mm pitch. The set
of included peripherals can change with the selected device.
These features make STM32MP25xC/F devices suitable for a wide range of consumer, industrial, white goods
and medical applications.
Figure 1 shows the general block diagram of STM32MP25xC/F devices.
Table 1. STM32MP25xC/F features and peripheral counts
Features
STM32MP25xC/F
Package
TFBGA361 (16×16 pitch 0.8 mm),
VFBGA361 (10×10 pitch 0.5 mm),
VFBGA424 (14×14 pitch 0.5 mm),
TFBGA436 (18×18 pitch 0.8 mm)(1)
CPU processor
Up to dual-core Cortex-A35 FPU Neon
TrustZone, up to 1500 MHz(1)
ROM
128 Kbytes (only for Cortex-A35)
GPU
Optional VeriSilicon GC8000UL up to
900 MHz(1)
NPU
MCU processor
-
Cortex-M33 FPU TrustZone
Caches size
16-Kbyte data cache
16-Kbyte instruction cache
Frequency
400 MHz
SmartRun processor
-
Cortex-M0+
Frequency
16 MHz
Video
Decoder (VDEC)
H264/VP8 up to 1080p60
JPEG 500 Mpixel/s(1)
Encoder (VENC)
Video RAM
Up to 128 Kbytes(1)
Embedded SRAM (808 Kbytes)
CPU system
Up to 384 Kbytes(1)
MCU system
256 Kbytes (128 Kbytes tamper protected)
MCU retention
128 Kbytes
SmartRun domain
32 Kbytes
Backup
8 Kbytes (tamper protected)
SDRAM
DDR3L
1066 MHz
Up to 4 Gbytes(1)
DDR4
1200 MHz
LPDDR4
1200 MHz
Backup registers
512 bytes (128 × 32-bits, tamper protected)
Timers
Advanced
16 bits
3
General purpose
16 bits
8
32 bits
4
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Description
DS14284 - Rev 3
page 7/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com