Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 70Page - STMicroelectronics STM32MP251C Datasheet HTML 71Page - STMicroelectronics STM32MP251C Datasheet HTML 72Page - STMicroelectronics STM32MP251C Datasheet HTML 73Page - STMicroelectronics STM32MP251C Datasheet HTML 74Page - STMicroelectronics STM32MP251C Datasheet HTML 75Page - STMicroelectronics STM32MP251C Datasheet HTML 76Page - STMicroelectronics STM32MP251C Datasheet HTML 77Page - STMicroelectronics STM32MP251C Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 241 page
background image
Pin number
Pin name
(function after
reset)
Pin type
I/O
structur
e
Notes
Alternate functions
Additional functions
M5
M5
Y6
N4
PZ3
I/O
TT_f
(15)
DBTRGI, DBTRGO, LPTIM3_ETR, SPI8_NSS,
MDF1_SDI5, ADF1_SDI0, LPUART1_CTS, LPTIM4_IN1,
I2C8_SDA, LPTIM4_CH2, I3C4_SDA, EVENTOUT
TAMP_OUT4
L4
L4
V3
R5
PZ4
I/O
TT_f
(15)
DBTRGI, DBTRGO, MCO2, SPI8_RDY, MDF1_CCK1,
ADF1_CCK1, LPUART1_RX, LPTIM4_CH1, I2C8_SCL,
I3C4_SCL, EVENTOUT
TAMP_IN5/
TAMP_OUT6
M4
N3
R5
P5
PZ5
I/O
TT
(15)
MCO1, LPTIM3_ETR, SPI8_SCK, ADF1_CCK0,
LPUART1_RTS/LPUART1_DE, LPTIM5_IN1, LPTIM4_CH2,
EVENTOUT
TAMP_OUT8
K4
K3
V4
R6
PZ6
I/O
TT
(15)
DBTRGI, DBTRGO, SPI8_NSS, TIM8_CH3, ADF1_SDI0,
LPUART1_CTS, LPTIM5_OUT, LPTIM4_CH2, EVENTOUT
TAMP_IN8
L2
L1
V2
P2
PZ7
I/O
TT
(1)
SPI8_MOSI, MDF1_CCK1, ADF1_CCK1, LPUART1_TX,
LPTIM5_IN1, LPTIM3_CH2, EVENTOUT
-
K3
L3
V1
P3
PZ8
I/O
TT
(1)
LPTIM3_IN1, SPI8_MISO, MDF1_SDI5, ADF1_SDI0,
LPUART1_RX, LPTIM4_CH1, I2C8_SMBA, LPTIM5_ETR,
EVENTOUT
-
L1
L2
U3
N3
PZ9
I/O
TT_f
(1)
MCO2, SPI8_RDY, MDF1_CKI5, LPUART1_TX,
LPTIM4_ETR, I2C8_SDA, LPTIM3_CH2, I3C4_SDA,
EVENTOUT
-
V15
V11
AG21
AB16
USBH_HS_DM
A
A
-
-
-
V16
V12
AG22
Y17
USB3DR_DM
A
A
-
-
-
W15
W11
AF21
AA16
USBH_HS_DP
A
A
-
-
-
W16
W12
AF22
W17
USB3DR_DP
A
A
-
-
-
U16
T15
AE20
V16
USBH_HS_TXRT
UNE
A
A
-
-
-
T16
R15
AF23
V17
USB3DR_TXRTU
NE
A
A
-
-
-
-
T12
AD20
U16
DNU
-
-
-
-
-
T14
W15
AF27
Y20
COMBOPHY_REX
T
A
A
-
-
-
W12
V16
AF25
AB20
COMBOPHY_RX1
N
A
A
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com