Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 19Page - STMicroelectronics STM32MP251C Datasheet HTML 20Page - STMicroelectronics STM32MP251C Datasheet HTML 21Page - STMicroelectronics STM32MP251C Datasheet HTML 22Page - STMicroelectronics STM32MP251C Datasheet HTML 23Page - STMicroelectronics STM32MP251C Datasheet HTML 24Page - STMicroelectronics STM32MP251C Datasheet HTML 25Page - STMicroelectronics STM32MP251C Datasheet HTML 26Page - STMicroelectronics STM32MP251C Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 241 page
background image
•
software commands
The coverage (or scope) of the resets differ according to the source initiating the reset, with the following
categories:
•
power-on/off resets
•
system resets
•
local resets
An application reset can be generated from one of the following sources:
•
reset from the NRST pin
•
reset from low-voltage detection on VDD
•
reset from the independent watchdogs
•
software reset from RCC registers
•
failure on HSE
•
RETRAM CRC or ECC error
A system reset can be generated from one of the following sources:
•
reset from application reset
•
reset from low-voltage detection on VDDCORE
•
a reset from low-voltage detection on VDDCPU
The NRST reset is activated by:
•
low voltage on VDD
•
failure on HSE
•
reset from the independent watchdogs
•
software reset from RCC registers
•
RETRAM CRC or ECC error
•
assertion of NRST by an external source
3.13
Hardware semaphore (HSEM)
The hardware semaphore provides 16 (32-bit) register-based semaphores.
The semaphores can be used to ensure synchronization between different processes that run on a core and
between different cores. The HSEM provides a non-blocking mechanism to lock semaphores in an atomic way.
The following functions are provided:
•
Locking a semaphore can be done in two ways:
–
2-step lock: by writing CoreID and ProcessID to the semaphore, followed by a read check.
–
1-step lock: by reading the CoreID from the semaphore
•
Interrupt generation when a semaphore is freed
–
Each semaphore can generate an interrupt on one of the interrupt lines.
•
Semaphore clear protection
–
A semaphore is only cleared when CoreID and ProcessID matches.
•
Global semaphore clear per CoreID
3.14
Inter-processor communication controller (IPCC1/2)
The IPCC is used to communicate data between two processors. It provides a non-blocking signaling mechanism
to post and retrieve communication data in an atomic way (signaling for 16 channels for IPPC1, and four channels
for IPCC2).
The IPCC communication data must be located in a common memory, which is not part of the IPCC.
3.14.1
Main features
•
Status signaling for the four channels
–
Channel occupied/free flag, also used as lock
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 23/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com