Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251C Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32MP251C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251C Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32MP251C Datasheet HTML 108Page - STMicroelectronics STM32MP251C Datasheet HTML 109Page - STMicroelectronics STM32MP251C Datasheet HTML 110Page - STMicroelectronics STM32MP251C Datasheet HTML 111Page - STMicroelectronics STM32MP251C Datasheet HTML 112Page - STMicroelectronics STM32MP251C Datasheet HTML 113Page - STMicroelectronics STM32MP251C Datasheet HTML 114Page - STMicroelectronics STM32MP251C Datasheet HTML 115Page - STMicroelectronics STM32MP251C Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 241 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDCORE(11)
Supply
current in Run
mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
150
mA
150
-
-
-
41
91
350
530
860
HSI
HSI 64 HSI 64
-
-
-
36.5
86
350
520
850
HSE +
HSI
HSE
40
HSE
40
-
-
-
35.5
84
350
520
850
IDDCORE
Supply
current in Run
mode
All
peripherals
Disabled
DRun
(CRun: P0)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
49
100
370
540
870
mA
1200
600
-
-
-
49
100
360
540
870
750
600
-
-
-
48.5
100
360
540
870
600
600
-
-
-
48.5
100
360
540
870
300
300
-
-
-
43.5
94
360
530
860
150
150
-
-
-
41
91
350
530
860
HSI
HSI 64 HSI 64
-
-
-
36.5
86
350
520
850
HSE +
HSI
HSE
40
HSE
40
-
-
-
35.5
84
350
520
850
IDDCORE
Supply
current in Run
mode
All
peripherals
Disabled
DStop1
(CStop)
Run1
(CRun)
SRun1
(CStop)
HSE +
HSI +
PLL
-
HSI 64
400
-
-
83
140
400
580
910
mA
-
HSI 64
200
-
-
56
110
370
550
870
-
HSI 64
100
-
-
43
92
360
530
860
HSI
-
HSI 64
HSI
64
-
-
38.5
89
350
520
850
HSE +
HSI
-
HSI 64
HSE
40
-
-
34
82
350
520
850
IDDCORE
Supply
current in Run
mode
All
peripherals
Disabled
DStandby(12)
(13)
(CStandby)
Run2
(CRun)
SRun1
(CStop)
HSE +
HSI +
PLL
-
HSI 64
400
-
-
83
160
400
580
910
mA
-
HSI 64
200
-
-
56
120
370
550
870
-
HSI 64
100
-
-
43
95
360
530
860
HSI
-
HSI 64
HSI
64
-
-
38.5
90
350
520
850
HSE +
HSI
-
HSI 64
HSE
40
-
-
34
83
350
520
840
IDDCORE
Supply
current in Run
mode
All
peripherals
Disabled
DStandby
(CStandby)(12)
(13)
Run2
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
-
HSI 64
400
200
-
85
170
410
580
910
mA
-
HSI 64
200
100
-
57.5
120
370
550
870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com