Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 24 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 24 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 20Page - SPANSION MB9AF131KB Datasheet HTML 21Page - SPANSION MB9AF131KB Datasheet HTML 22Page - SPANSION MB9AF131KB Datasheet HTML 23Page - SPANSION MB9AF131KB Datasheet HTML 24Page - SPANSION MB9AF131KB Datasheet HTML 25Page - SPANSION MB9AF131KB Datasheet HTML 26Page - SPANSION MB9AF131KB Datasheet HTML 27Page - SPANSION MB9AF131KB Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
D a t a S h e e t
June 9, 2015, MB9A130LB_DS706-00066-2v0-E
21
CONFIDENTIAL
Pin function Pin name
Function description
Pin No
LQFP-64
QFN-64
LQFP-48
QFN-48
Multi-
function
Serial
3
SIN3_1
Multi-function serial interface ch.3 input pin
2
2
SOT3_1
(SDA3_1)
Multi-function serial interface ch.3 output pin.
This pin operates as SOT3 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SDA3 when it is used in an I
2C (operation mode
4).
3
3
SCK3_1
(SCL3_1)
Multi-function serial interface ch.3 clock I/O pin.
This pin operates as SCK3 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SCL3 when it is used in an I
2C (operation mode
4).
4
4
Multi-
function
Serial
4
SIN4_0
Multi-function serial interface ch.4 input pin
54
-
SOT4_0
(SDA4_0)
Multi-function serial interface ch.4 output pin.
This pin operates as SOT4 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SDA4 when it is used in an I
2C (operation mode
4).
55
-
SCK4_0
(SCL4_0)
Multi-function serial interface ch.4 clock I/O pin.
This pin operates as SCK4 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SCL4 when it is used in an I
2C (operation mode
4).
56
-
Multi-
function
Serial
5
SIN5_0
Multi-function serial interface ch.5 input pin
60
44
SOT5_0
(SDA5_0)
Multi-function serial interface ch.5 output pin.
This pin operates as SOT5 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SDA5 when it is used in an I
2C (operation mode
4).
59
43
SCK5_0
(SCL5_0)
Multi-function serial interface ch.5 clock I/O pin.
This pin operates as SCK5 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SCL5 when it is used in an I
2C (operation mode
4).
58
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com