Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 27 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 27 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 23Page - SPANSION MB9AF131KB Datasheet HTML 24Page - SPANSION MB9AF131KB Datasheet HTML 25Page - SPANSION MB9AF131KB Datasheet HTML 26Page - SPANSION MB9AF131KB Datasheet HTML 27Page - SPANSION MB9AF131KB Datasheet HTML 28Page - SPANSION MB9AF131KB Datasheet HTML 29Page - SPANSION MB9AF131KB Datasheet HTML 30Page - SPANSION MB9AF131KB Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
D a t a S h e e t
24
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
Pin function
Pin name
Function description
Pin No
LQFP-64
QFN-64
LQFP-48
QFN-48
Reset
INITX
External Reset Input pin.
A reset is valid when INITX = L.
21
17
Mode
MD0
Mode 0 pin.
During normal operation, MD0 = L must be
input During serial programming to flash
memory, MD0 = H must be input.
29
21
MD1
Mode 1 pin.
During normal operation, input is not needed
During serial programming to flash memory,
MD1 = L must be input.
28
20
Power
VCC
Power supply pin
1
1
18
14
33
-
GND
VSS
GND pin
16
12
32
24
64
48
Clock
X0
Main clock (oscillation) input pin
30
22
X0A
Sub clock (oscillation) input pin
19
15
X1
Main clock (oscillation) I/O pin
31
23
X1A
Sub clock (oscillation) I/O pin
20
16
CROUT_1
Built-in High-speed CR-osc clock output port
57
42
ADC
Power
AVCC
A/D converter analog power pin
41
31
AVRH
A/D converter analog reference voltage input
pin
42
32
ADC
GND
AVSS
A/D converter GND pin
43
33
C pin
C
Power stabilization capacity pin
17
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com