Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 51 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 51 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 47Page - SPANSION MB9AF131KB Datasheet HTML 48Page - SPANSION MB9AF131KB Datasheet HTML 49Page - SPANSION MB9AF131KB Datasheet HTML 50Page - SPANSION MB9AF131KB Datasheet HTML 51Page - SPANSION MB9AF131KB Datasheet HTML 52Page - SPANSION MB9AF131KB Datasheet HTML 53Page - SPANSION MB9AF131KB Datasheet HTML 54Page - SPANSION MB9AF131KB Datasheet HTML 55Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
D a t a S h e e t
48
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
Parameter Symbol
Pin
name
Conditions
Value
Unit Remarks
Typ*
2
Max*
3
Power
supply
current
ICCT
VCC
Main
Timer mode
TA = + 25°C,
When LVD is off
1
3.6
mA
*1, *4
TA = + 85°C,
When LVD is off
1.7
3.9
mA
*1, *4
Sub
Timer mode
TA = + 25°C,
When LVD is off
8.5
70
μA
*1, *5
TA = + 85°C,
When LVD is off
18
170
μA
*1, *5
ICCR
RTC mode
TA = + 25C,
When LVD is off
1.8
7.5
μA
*1, *5
TA = + 85C,
When LVD is off
7
62
μA
*1, *5
ICCH
Stop mode
TA = + 25C,
When LVD is off
0.7
7
μA
*1
TA = + 85C,
When LVD is off
6
60
μA
*1
ICCRD
Deep Standby
RTC mode
TA = + 25C,
When LVD is off
1.6
3
μA
*1, *5
TA = + 85C,
When LVD is off
3.6
14.5
μA
*1, *5
ICCHD
Deep Standby
Stop mode
TA = + 25C,
When LVD is off
0.5
2.5
μA
*1
TA = + 85C,
When LVD is off
2.5
12.5
μA
*1
*1: When all ports are fixed.
*2: VCC=3.3 V
*3: VCC=5.5 V
*4: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*5: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com