Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 57 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 57 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 53Page - SPANSION MB9AF131KB Datasheet HTML 54Page - SPANSION MB9AF131KB Datasheet HTML 55Page - SPANSION MB9AF131KB Datasheet HTML 56Page - SPANSION MB9AF131KB Datasheet HTML 57Page - SPANSION MB9AF131KB Datasheet HTML 58Page - SPANSION MB9AF131KB Datasheet HTML 59Page - SPANSION MB9AF131KB Datasheet HTML 60Page - SPANSION MB9AF131KB Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
D a t a S h e e t
54
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
(5) Reset Input Characteristics
(VCC = 1.8V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Reset input time
tINITX
INITX
-
500
-
ns
1.5
-
ms
When RTC mode
or Stop mode
1.5
-
ms
When Deep
Standby mode
(6) Power-on Reset Timing
(VCC = 1.8V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Power supply rising time
dV/dt
VCC
0.1
-
-
V/ms
Power supply shut down time
tOFF
1
-
-
ms
Reset release voltage
VDETH
1.44
1.60
1.76
V
When voltage rises
Reset detection voltage
VDETL
1.39
1.55
1.71
V
When voltage drops
Time until releasing
Power-on reset
tPRT
0.46
-
11.4
ms
dV/dt ≥ 0.1mV/μs
Reset detection delay time
tOFFD
-
-
0.4
ms
dV/dt ≥ -0.04mV/μs
VDETH
tPRT
Internal reset
VCC
CPU Operation
start
Reset active
Release
0.2V
0.2V
tOFF
dt
dV
VDETL
tOFFD
Reset active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com