Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 38 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 38 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 34Page - SPANSION MB9AF131KB Datasheet HTML 35Page - SPANSION MB9AF131KB Datasheet HTML 36Page - SPANSION MB9AF131KB Datasheet HTML 37Page - SPANSION MB9AF131KB Datasheet HTML 38Page - SPANSION MB9AF131KB Datasheet HTML 39Page - SPANSION MB9AF131KB Datasheet HTML 40Page - SPANSION MB9AF131KB Datasheet HTML 41Page - SPANSION MB9AF131KB Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
D a t a S h e e t
June 9, 2015, MB9A130LB_DS706-00066-2v0-E
35
CONFIDENTIAL
 Block Diagram
Flash I/F
Cortex-M3 Core
@20MHz(Max)
Clock Reset
Generator
Watchdog Timer
(Hardware)
On-Chip
Flash
64/128Kbytes
Multi-Function Timer ×1
Multi-Function Serial
I/F
8ch.
16-bit FreeRun Timer
3ch.
16-bit Output
Compare
6ch.
16-bit Input Capture
4ch.
Waveform Generator
3ch.
A/D Activation
Compare
1ch.
16-bit PPG
3ch.
Real-Time Clock
GPIO
CSV
PLL
External Interrupt
Controller
8-pin + NMI
ROM
Table
SWJ-DP
SRAM1
8Kbytes
I
D
Sys
CLK
MB9AF131/132
Base Timer
16-bit 8ch. /
32-bit 4ch.
NVIC
Watchdog Timer
(Software)
Security
12-bit A/D Converter
Unit 0
TRSTX,TCK,
TDI,TMS
X0
AVCC,
AVSS,AVRH
ANxx
TIOAx
TIOBx
IC0x
DTTI0X
RTO0x
FRCK0
TDO
X1
X0A
X1A
SCKx
SINx
SOTx
INTxx
NMIX
P0x,
P1x,
.
.
Pxx
INITX
MODE-Ctrl
IRQ-Monitor
PIN-Function-Ctrl
MD1,
MD0
CR
100kHz
ADTG_x
SUBOUT
Deep Standby Ctrl
WKUPx
RTCCO
LVD
Power On
Reset
C
Regulator
LVD Ctrl
Source Clock
CROUT
Main
Osc
Sub
Osc
CR
4MHz
 Memory Size
See
Memory size in Product Lineup to confirm the memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com