Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 74 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 74 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 70Page - SPANSION MB9AF131KB Datasheet HTML 71Page - SPANSION MB9AF131KB Datasheet HTML 72Page - SPANSION MB9AF131KB Datasheet HTML 73Page - SPANSION MB9AF131KB Datasheet HTML 74Page - SPANSION MB9AF131KB Datasheet HTML 75Page - SPANSION MB9AF131KB Datasheet HTML 76Page - SPANSION MB9AF131KB Datasheet HTML 77Page - SPANSION MB9AF131KB Datasheet HTML 78Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
D a t a S h e e t
June 9, 2015, MB9A130LB_DS706-00066-2v0-E
71
CONFIDENTIAL
(2) Interrupt of Low-voltage Detection
Normal mode
(TA = - 40°C to + 85°C)
Parameter
Symbol Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected voltage
VDLI
SVHI = 0000
1.87
2.00
2.13
V
When voltage drops
Released voltage
VDHI
1.97
2.10
2.23
V
When voltage rises
Detected voltage
VDLI
SVHI = 0001
1.96
2.10
2.24
V
When voltage drops
Released voltage
VDHI
2.06
2.20
2.34
V
When voltage rises
Detected voltage
VDLI
SVHI = 0010
2.05
2.20
2.35
V
When voltage drops
Released voltage
VDHI
2.15
2.30
2.45
V
When voltage rises
Detected voltage
VDLI
SVHI = 0011
2.15
2.30
2.45
V
When voltage drops
Released voltage
VDHI
2.25
2.40
2.55
V
When voltage rises
Detected voltage
VDLI
SVHI = 0100
2.24
2.40
2.56
V
When voltage drops
Released voltage
VDHI
2.34
2.50
2.66
V
When voltage rises
Detected voltage
VDLI
SVHI = 0101
2.33
2.50
2.67
V
When voltage drops
Released voltage
VDHI
2.43
2.60
2.77
V
When voltage rises
Detected voltage
VDLI
SVHI = 0110
2.43
2.60
2.77
V
When voltage drops
Released voltage
VDHI
2.53
2.70
2.87
V
When voltage rises
Detected voltage
VDLI
SVHI = 0111
2.61
2.80
2.99
V
When voltage drops
Released voltage
VDHI
2.71
2.90
3.09
V
When voltage rises
Detected voltage
VDLI
SVHI = 1000
2.80
3.00
3.20
V
When voltage drops
Released voltage
VDHI
2.90
3.10
3.30
V
When voltage rises
Detected voltage
VDLI
SVHI = 1001
2.99
3.20
3.41
V
When voltage drops
Released voltage
VDHI
3.09
3.30
3.51
V
When voltage rises
Detected voltage
VDLI
SVHI = 1010
3.36
3.60
3.84
V
When voltage drops
Released voltage
VDHI
3.46
3.70
3.94
V
When voltage rises
Detected voltage
VDLI
SVHI = 1011
3.45
3.70
3.95
V
When voltage drops
Released voltage
VDHI
3.55
3.80
4.05
V
When voltage rises
Detected voltage
VDLI
SVHI = 1100
3.73
4.00
4.27
V
When voltage drops
Released voltage
VDHI
3.83
4.10
4.37
V
When voltage rises
Detected voltage
VDLI
SVHI = 1101
3.83
4.10
4.37
V
When voltage drops
Released voltage
VDHI
3.93
4.20
4.47
V
When voltage rises
Detected voltage
VDLI
SVHI = 1110
3.92
4.20
4.48
V
When voltage drops
Released voltage
VDHI
4.02
4.30
4.58
V
When voltage rises
LVD stabilization
wait time
tLVDIW
-
-
-
633 ×
tCYCP*
μs
Detection delay
time
tLVDID
dV/dt
≥
-4mV/µs
-
-
60
μs
*: tCYCP indicates the APB2 bus clock cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com