Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 49 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 49 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 45Page - SPANSION MB9AF131KB Datasheet HTML 46Page - SPANSION MB9AF131KB Datasheet HTML 47Page - SPANSION MB9AF131KB Datasheet HTML 48Page - SPANSION MB9AF131KB Datasheet HTML 49Page - SPANSION MB9AF131KB Datasheet HTML 50Page - SPANSION MB9AF131KB Datasheet HTML 51Page - SPANSION MB9AF131KB Datasheet HTML 52Page - SPANSION MB9AF131KB Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
D a t a S h e e t
46
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
2.
Recommended Operating Conditions
(VSS = AVSS = 0.0V)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
-
1.8
5.5
V
Analog power supply voltage
AVCC
-
1.8
5.5
V
AVCC = VCC
Analog reference voltage
AVRH
-
2.7
AVCC
V
AVCC ≥ 2.7 V
AVCC
AVCC
AVCC < 2.7 V
Smoothing capacitor
CS
-
1
10
μF
For built-in
Regulator *
Operating
Temperature
FPT-48P-M49,
LCC-48P-M73,
FPT-64P-M38,
FPT-64P-M39,
LCC-64P-M24
TA
-
- 40
+ 85
°C
*: See
C Pin in  Handling Devices for the connection of the smoothing capacitor.
<WARNING>
The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure. No warranty is made
with respect to uses, operating conditions, or combinations not represented on the data sheet. Users
considering application outside the listed conditions are advised to contact their representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com