Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 6 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 6 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 2Page - SPANSION MB9AF131KB Datasheet HTML 3Page - SPANSION MB9AF131KB Datasheet HTML 4Page - SPANSION MB9AF131KB Datasheet HTML 5Page - SPANSION MB9AF131KB Datasheet HTML 6Page - SPANSION MB9AF131KB Datasheet HTML 7Page - SPANSION MB9AF131KB Datasheet HTML 8Page - SPANSION MB9AF131KB Datasheet HTML 9Page - SPANSION MB9AF131KB Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
D a t a S h e e t
June 9, 2015, MB9A130LB_DS706-00066-2v0-E
3
CONFIDENTIAL
 Base Timer (Max 8channels)
Operation mode is selectable from the followings for each channel.
 16-bit PWM timer
 16-bit PPG timer
 16-/32-bit reload timer
 16-/32-bit PWC timer
 General Purpose I/O Port
This series can use its pins as general purpose I/O ports when they are not used for peripherals. Moreover,
the port relocate function is built in. It can set which I/O port the peripheral function can be allocated.
 Capable of pull-up control per pin
 Capable of reading pin level directly
 Built-in the port relocate function
 Up to 52 fast general purpose I/O Ports@64 pin Package
 Some pins are 5V tolerant I/O
See  List of Pin Functions and  I/O Circuit Type to confirm the corresponding pins.
 Multi-function Timer
The Multi-function timer is composed of the following blocks.
 16-bit free-run timer × 3ch.
 Input capture × 4ch.
 Output compare × 6ch.
 A/D activation compare × 1ch.
 Waveform generator × 3ch.
 16-bit PPG timer × 3ch.
The following function can be used to achieve the motor control.
 PWM signal output function
 DC chopper waveform output function
 Dead time function
 Input capture function
 A/D convertor activate function
 DTIF (Motor emergency stop) interrupt function
 Real-time clock (RTC)
The Real-time clock can count Year/Month/Day/Hour/Minute/Second/A day of the week from 01 to 99.
 Interrupt function with specifying date and time (Year/Month/Day/Hour/Minute/Second/A day of the
week.) is available. This function is also available by specifying only Year, Month, Day, Hour or Minute.
 Timer interrupt function after set time or each set time.
 Capable of rewriting the time with continuing the time count.
 Leap year automatic count is available.
 External Interrupt Controller Unit
 Up to 8 external interrupt input pins
 Include one non-maskable interrupt (NMI) input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com