Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 26 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 26 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 22Page - SPANSION MB9AF131KB Datasheet HTML 23Page - SPANSION MB9AF131KB Datasheet HTML 24Page - SPANSION MB9AF131KB Datasheet HTML 25Page - SPANSION MB9AF131KB Datasheet HTML 26Page - SPANSION MB9AF131KB Datasheet HTML 27Page - SPANSION MB9AF131KB Datasheet HTML 28Page - SPANSION MB9AF131KB Datasheet HTML 29Page - SPANSION MB9AF131KB Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
D a t a S h e e t
June 9, 2015, MB9A130LB_DS706-00066-2v0-E
23
CONFIDENTIAL
Pin function
Pin name
Function description
Pin No
LQFP-64
QFN-64
LQFP-48
QFN-48
Multi-
function
Timer
0
DTTI0X_0
Input signal of waveform generator to control
outputs RTO00 to RTO05 of Multi-function
timer 0
9
5
DTTI0X_2
59
43
FRCK0_2
16-bit free-run timer ch.0 external clock input
pin
35
26
IC00_0
16-bit input capture input pin of
Multi-function timer 0.
ICxx describes a channel number.
60
44
IC00_2
36
27
IC01_2
37
28
IC02_0
35
26
IC02_2
38
29
IC03_2
39
30
RTO00_0
(PPG00_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG00 when it is used in
PPG0 output modes.
10
6
RTO01_0
(PPG00_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG00 when it is used in
PPG0 output modes.
11
7
RTO02_0
(PPG02_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG02 when it is used in
PPG0 output modes.
12
8
RTO03_0
(PPG02_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG02 when it is used in
PPG0 output modes.
13
9
RTO04_0
(PPG04_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG04 when it is used in
PPG0 output modes.
14
10
RTO05_0
(PPG04_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG04 when it is used in
PPG0 output modes.
15
11
Real-time
clock
RTCCO_0
0.5 seconds pulse output pin of Real-time
clock
57
42
RTCCO_1
37
28
RTCCO_2
10
6
SUBOUT_0
Sub clock output pin
57
42
SUBOUT_1
37
28
SUBOUT_2
10
6
Low Power
Consumption
Mode
WKUP0
Deep stand-by mode return signal input pin 0
57
42
WKUP1
Deep stand-by mode return signal input pin 1
35
26
WKUP2
Deep stand-by mode return signal input pin 2
48
36
WKUP3
Deep stand-by mode return signal input pin 3
60
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com