Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 20 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 20 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 16Page - SPANSION MB9AF131KB Datasheet HTML 17Page - SPANSION MB9AF131KB Datasheet HTML 18Page - SPANSION MB9AF131KB Datasheet HTML 19Page - SPANSION MB9AF131KB Datasheet HTML 20Page - SPANSION MB9AF131KB Datasheet HTML 21Page - SPANSION MB9AF131KB Datasheet HTML 22Page - SPANSION MB9AF131KB Datasheet HTML 23Page - SPANSION MB9AF131KB Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
D a t a S h e e t
June 9, 2015, MB9A130LB_DS706-00066-2v0-E
17
CONFIDENTIAL
List of pin functions
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port
number. For these pins, there are multiple pins that provide the same function for the same channel. Use the
extended port function register (EPFR) to select the pin.
Pin function Pin name
Function description
Pin No
LQFP-64
QFN-64
LQFP-48
QFN-48
ADC
ADTG_2
A/D converter external trigger input pin
9
5
ADTG_3
58
-
ADTG_6
8
-
AN00
A/D converter analog input pin.
ANxx describes ADC ch.xx.
34
25
AN01
35
26
AN02
36
27
AN03
37
28
AN04
38
29
AN05
39
30
AN07
40
-
AN08
44
-
Base Timer
0
TIOA0_1
Base timer ch.0 TIOA pin
10
6
TIOB0_0
Base timer ch.0 TIOB pin
22
18
TIOB0_1
5
-
Base Timer
1
TIOA1_1
Base timer ch.1 TIOA pin
11
7
TIOB1_0
Base timer ch.1 TIOB pin
23
19
TIOB1_1
6
-
Base Timer
2
TIOA2_1
Base timer ch.2 TIOA pin
12
8
TIOA2_2
60
44
TIOB2_0
Base timer ch.2 TIOB pin
24
-
TIOB2_1
7
-
TIOB2_2
59
43
Base Timer
3
TIOA3_1
Base timer ch.3 TIOA pin
13
9
TIOB3_0
Base timer ch.3 TIOB pin
25
-
TIOB3_1
8
-
Base Timer
4
TIOA4_1
Base timer ch.4 TIOA pin
14
10
TIOB4_0
Base timer ch.4 TIOB pin
26
-
Base Timer
5
TIOA5_1
Base timer ch.5 TIOA pin
15
11
TIOB5_0
Base timer ch.5 TIOB pin
27
-
Base Timer
6
TIOA6_1
Base timer ch.6 TIOA pin
56
-
TIOB6_1
Base timer ch.6 TIOB pin
55
-
Base Timer
7
TIOA7_1
Base timer ch.7 TIOA pin
46
34
TIOB7_1
Base timer ch.7 TIOB pin
47
35
Debugger
SWCLK
Serial wire debug interface clock input pin
50
38
SWDIO
Serial wire debug interface data input / output pin
52
40
SWO
Serial wire viewer output pin
53
41
TRSTX
J-TAG reset Input pin
49
37
TCK
J-TAG test clock input pin
50
38
TDI
J-TAG test data input pin
51
39
TMS
J-TAG test mode state input/output pin
52
40
TDO
J-TAG debug data output pin
53
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com