Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 31 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 31 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 27Page - SPANSION MB9AF131KB Datasheet HTML 28Page - SPANSION MB9AF131KB Datasheet HTML 29Page - SPANSION MB9AF131KB Datasheet HTML 30Page - SPANSION MB9AF131KB Datasheet HTML 31Page - SPANSION MB9AF131KB Datasheet HTML 32Page - SPANSION MB9AF131KB Datasheet HTML 33Page - SPANSION MB9AF131KB Datasheet HTML 34Page - SPANSION MB9AF131KB Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
D a t a S h e e t
28
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
Type
Circuit
Remarks
G
P-ch
N-ch
R
 CMOS level output
 CMOS level hysteresis input
 With standby control
 5 V tolerant input
 I
OH = -4 mA, IOL = 4 mA
 Available to control of PZR
registers. Only P22, P23, P51,
P52
 When this pin is used as an
I
2C pin, the digital output P-
ch transistor is always off
H
CMOS level hysteresis input
I
P-ch
N-ch
R
 CMOS level output
 CMOS level hysteresis input
 With standby control
 I
OH = -4 mA, IOL = 4 mA
 When this pin is used as an
I
2C pin, the digital output P-
ch transistor is always off
Mode input
Digital output
Digital output
Digital input
Standby mode control
Digital output
Digital output
Digital input
Standby mode control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com