Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 75 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 75 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 71Page - SPANSION MB9AF131KB Datasheet HTML 72Page - SPANSION MB9AF131KB Datasheet HTML 73Page - SPANSION MB9AF131KB Datasheet HTML 74Page - SPANSION MB9AF131KB Datasheet HTML 75Page - SPANSION MB9AF131KB Datasheet HTML 76Page - SPANSION MB9AF131KB Datasheet HTML 77Page - SPANSION MB9AF131KB Datasheet HTML 78Page - SPANSION MB9AF131KB Datasheet HTML 79Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
D a t a S h e e t
72
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
Low power mode
(TA = - 40°C to + 85°C)
Parameter
Symbol Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected voltage
VDLIL
SVHI = 0000
1.80
2.00
2.20
V
When voltage drops
Released voltage
VDHIL
1.90
2.10
2.30
V
When voltage rises
Detected voltage
VDLIL
SVHI = 0001
1.89
2.10
2.31
V
When voltage drops
Released voltage
VDHIL
1.99
2.20
2.41
V
When voltage rises
Detected voltage
VDLIL
SVHI = 0010
1.98
2.20
2.42
V
When voltage drops
Released voltage
VDHIL
2.08
2.30
2.52
V
When voltage rises
Detected voltage
VDLIL
SVHI = 0011
2.07
2.30
2.53
V
When voltage drops
Released voltage
VDHIL
2.17
2.40
2.63
V
When voltage rises
Detected voltage
VDLIL
SVHI = 0100
2.16
2.40
2.64
V
When voltage drops
Released voltage
VDHIL
2.26
2.50
2.74
V
When voltage rises
Detected voltage
VDLIL
SVHI = 0101
2.25
2.50
2.75
V
When voltage drops
Released voltage
VDHIL
2.35
2.60
2.85
V
When voltage rises
Detected voltage
VDLIL
SVHI = 0110
2.34
2.60
2.86
V
When voltage drops
Released voltage
VDHIL
2.44
2.70
2.96
V
When voltage rises
Detected voltage
VDLIL
SVHI = 0111
2.52
2.80
3.08
V
When voltage drops
Released voltage
VDHIL
2.62
2.90
3.18
V
When voltage rises
Detected voltage
VDLIL
SVHI = 1000
2.70
3.00
3.30
V
When voltage drops
Released voltage
VDHIL
2.80
3.10
3.40
V
When voltage rises
Detected voltage
VDLIL
SVHI = 1001
2.88
3.20
3.52
V
When voltage drops
Released voltage
VDHIL
2.98
3.30
3.62
V
When voltage rises
Detected voltage
VDLIL
SVHI = 1010
3.24
3.60
3.96
V
When voltage drops
Released voltage
VDHIL
3.34
3.70
4.06
V
When voltage rises
Detected voltage
VDLIL
SVHI = 1011
3.33
3.70
4.07
V
When voltage drops
Released voltage
VDHIL
3.43
3.80
4.17
V
When voltage rises
Detected voltage
VDLIL
SVHI = 1100
3.60
4.00
4.40
V
When voltage drops
Released voltage
VDHIL
3.70
4.10
4.50
V
When voltage rises
Detected voltage
VDLIL
SVHI = 1101
3.69
4.10
4.51
V
When voltage drops
Released voltage
VDHIL
3.79
4.20
4.61
V
When voltage rises
Detected voltage
VDLIL
SVHI = 1110
3.78
4.20
4.62
V
When voltage drops
Released voltage
VDHIL
3.88
4.30
4.72
V
When voltage rises
LVD stabilization
wait time
tLVDILW
-
-
-
8039 ×
tCYCP *
μs
Detection delay
time
tLVDILD
dV/dt
≥
-0.4mV/μs
-
-
800
μs
*: tCYCP indicates the APB2 bus clock cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com