Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 5 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 5 Page - SPANSION

  MB9AF131KB Datasheet HTML 1Page - SPANSION MB9AF131KB Datasheet HTML 2Page - SPANSION MB9AF131KB Datasheet HTML 3Page - SPANSION MB9AF131KB Datasheet HTML 4Page - SPANSION MB9AF131KB Datasheet HTML 5Page - SPANSION MB9AF131KB Datasheet HTML 6Page - SPANSION MB9AF131KB Datasheet HTML 7Page - SPANSION MB9AF131KB Datasheet HTML 8Page - SPANSION MB9AF131KB Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
D a t a S h e e t
2
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
 Features
 32-bit ARM Cortex-M3 Core
 Processor version: r2p1
 Up to 20MHz Operation Frequency
 Integrated Nested Vectored Interrupt Controller (NVIC): 1 channel NMI (non-maskable interrupt) and
32 channels' peripheral interrupts and 8 priority levels
 24-bit System timer (Sys Tick): System timer for OS task management
 On-chip Memories
[Flash memory]
 Up to 128 Kbytes
 Read cycle: 0 wait-cycle
 Security function for code protection
[SRAM]
This series contains 8 Kbyte on-chip SRAM that is connected to System bus of Cortex-M3 core.
 SRAM1: 8 Kbytes
 Multi-function Serial Interface (Max 8channels)
Operation mode is selectable from the followings for each channel.
 UART
 CSIO
 I
2C
[UART]
 Full-duplex double buffer
 Selection with or without parity supported
 Built-in dedicated baud rate generator
 External clock available as a serial clock
 Various error detection functions available (parity errors, framing errors, and overrun errors)
[CSIO]
 Full-duplex double buffer
 Built-in dedicated baud rate generator
 Overrun error detection function available
[I
2C]
Standard-mode (Max 100 kbps) / Fast-mode (Max 400 kbps) supported
 A/D Converter (Max 8channels)
[12-bit A/D Converter]
 Successive Approximation type
 Conversion time: Min. 1.0 μs
 Priority conversion available (priority at 2 levels)
 Scanning conversion mode
 Built-in FIFO for conversion data storage (for SCAN conversion: 16 steps, for Priority conversion:
4 steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com