| Electronic Components Datasheet Search |
|
MB9AF131KB Datasheet(PDF) 46 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AF131KB Datasheet(HTML) 46 Page - SPANSION |
|
46 / 89 page ![]() D a t a S h e e t June 9, 2015, MB9A130LB_DS706-00066-2v0-E 43 CONFIDENTIAL Function group Power-on reset or low voltage detection state INITX input state Device internal reset state Run mode or Sleep mode state Timer mode, RTC mode, or Stop mode state Deep Standby RTC mode or Deep Standby Stop mode state Return from Deep Standby mode state Power supply unstable Power supply stable Power supply stable Power supply stable Power supply stable Power supply stable - INITX = 0 INITX = 1 INITX = 1 INITX = 1 INITX = 1 INITX = 1 - - - - SPL = 0 SPL = 1 SPL = 0 SPL = 1 - L Analog input selected Hi-Z Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled WKUP enabled Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 WKUP input enabled Hi-Z / WKUP input enabled GPIO selected External interrupt enabled selected Maintain previous state GPIO selected Hi-Z / Internal input fixed at 0 Resource other than above selected Hi-Z / Internal input fixed at 0 GPIO selected Maintain previous state Maintain previous state M Sub crystal oscillator input pin Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled External sub clock input selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state / When oscillation stop* 2, output maintain previous state / Internal input fixed at 0 Hi-Z / Input enabled / When oscillation stop* 2, Hi-Z / Internal input fixed at 0 Maintain previous state / When oscillation stop* 2, output maintain previous state / Internal input fixed at 0 Hi-Z / Input enabled / When oscillation stop* 2, Hi-Z / Internal input fixed at 0 Maintain previous state / When Return from Deep Stand-by STOP mode, GPIO selected GPIO selected Setting disabled Setting disabled Setting disabled Maintain previous state Output maintain previous state / Internal input fixed at 0 Hi-Z / Internal input fixed at 0 Output maintain previous state / Internal input fixed at 0 Hi-Z / Internal input fixed at 0 Maintain previous state |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |