| Electronic Components Datasheet Search |
|
MB9AF131KB Datasheet(PDF) 44 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AF131KB Datasheet(HTML) 44 Page - SPANSION |
|
44 / 89 page ![]() D a t a S h e e t June 9, 2015, MB9A130LB_DS706-00066-2v0-E 41 CONFIDENTIAL Function group Power-on reset or low voltage detection state INITX input state Device internal reset state Run mode or Sleep mode state Timer mode, RTC mode, or Stop mode state Deep Standby RTC mode or Deep Standby Stop mode state Return from Deep Standby mode state Power supply unstable Power supply stable Power supply stable Power supply stable Power supply stable Power supply stable - INITX = 0 INITX = 1 INITX = 1 INITX = 1 INITX = 1 INITX = 1 - - - - SPL = 0 SPL = 1 SPL = 0 SPL = 1 - D Mode input pin Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled E JTAG selected Hi-Z Pull-up / Input enabled Pull-up / Input enabled Maintain previous state Maintain previous state Maintain previous state Maintain previous state Maintain previous state Maintain previous state GPIO selected Setting disabled Setting disabled Setting disabled Hi-Z / Internal input fixed at 0 Hi-Z / Internal input fixed at 0 F External interrupt enabled selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Maintain previous state GPIO selected Hi-Z / Internal input fixed at 0 GPIO selected Resource other than above selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Hi-Z / Internal input fixed at 0 GPIO selected Maintain previous state Maintain previous state G WKUP enabled Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 WKUP input enabled Hi-Z / WKUP input enabled GPIO selected External interrupt enabled selected Setting disabled Setting disabled Setting disabled Maintain previous state GPIO selected Hi-Z / Internal input fixed at 0 GPIO selected Resource other than above selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Hi-Z / Internal input fixed at 0 GPIO selected Maintain previous state Maintain previous state H Resource selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 GPIO selected Hi-Z / Internal input fixed at 0 GPIO selected GPIO selected Maintain previous state Maintain previous state |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |