Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF131KB Datasheet(PDF) 61 Page - SPANSION

Part # MB9AF131KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF131KB Datasheet(HTML) 61 Page - SPANSION

Back Button MB9AF131KB Datasheet HTML 57Page - SPANSION MB9AF131KB Datasheet HTML 58Page - SPANSION MB9AF131KB Datasheet HTML 59Page - SPANSION MB9AF131KB Datasheet HTML 60Page - SPANSION MB9AF131KB Datasheet HTML 61Page - SPANSION MB9AF131KB Datasheet HTML 62Page - SPANSION MB9AF131KB Datasheet HTML 63Page - SPANSION MB9AF131KB Datasheet HTML 64Page - SPANSION MB9AF131KB Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
D a t a S h e e t
58
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
CSIO (SPI = 0, SCINV = 1)
(VCC = 1.8V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
VCC < 2.7 V
2.7 V
≤
VCC < 4.5 V
VCC ≥ 4.5 V
Unit
Min
Max
Min
Max
Min
Max
Serial clock cycle
time
tSCYC
SCKx
Master mode
4tCYCP
-
4tCYCP
-
4tCYCP
-
ns
SCK ↑ → SOT
delay time
tSHOVI
SCKx,
SOTx
-40
+40
-30
+30
-20
+20
ns
SIN → SCK ↓
setup time
tIVSLI
SCKx,
SINx
75
-
50
-
30
-
ns
SCK ↓ → SIN
hold time
tSLIXI
SCKx,
SINx
0
-
0
-
0
-
ns
Serial clock L
pulse width
tSLSH
SCKx
Slave mode
2tCYCP
- 10
-
2tCYCP
- 10
-
2tCYCP
- 10
-
ns
Serial clock H
pulse width
tSHSL
SCKx
tCYCP +
10
-
tCYCP +
10
-
tCYCP +
10
-
ns
SCK ↑ → SOT
delay time
tSHOVE
SCKx,
SOTx
-
75
-
50
-
30*
1
ns
40*
2
SIN → SCK ↓
setup time
tIVSLE
SCKx,
SINx
10
-
10
-
10
-
ns
SCK ↓ → SIN
hold time
tSLIXE
SCKx,
SINx
20
-
20
-
20
-
ns
SCK falling time
tF
SCKx
-
5
-
5
-
5
ns
SCK rising time
tR
SCKx
-
5
-
5
-
5
ns
*1 When PZR=0.
*2 When PZR=1.
Notes:
The above characteristics apply to clock synchronous mode.
t
CYCP indicates the APB bus clock cycle time.
About the APB bus number which Multi-function serial is connected to, see  Block Diagram in
this data sheet.
These characteristics only guarantee the same relocate port number.
For example, the combination of SCKx_0 and SOTx_1 is not guaranteed.
When the external load capacitance C
L = 50 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com