Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 48 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 44Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 45Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 46Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 47Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 48Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 49Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 50Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 51Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
Special Applications
Special Applications
48
48
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
49
49
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Area Beam (Area Detection)
Area Beam (Area Detection)
E32-T16PR 2M
(Free Cutting)
E32-T16WR 2M
(Free Cutting)
49-A
49-C
E32-G16
49-D
E32-T16JR 2M
(Free Cutting)
49-B
E32-D36P1 2M
(Free Cutting)
49-E
4
3.3
Sensing surface
(2×11)
(PMMA)
Receiver
Emitter
27
7
2
14.5
17.8
10.7
2,000
2.2 dia.
19
(ABS)
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks
on both sides
4
15
10
2.5
5
5
25
Two, 3.2 dia. mounting holes
2,000
10.85
2
(Nickel-plated brass)
Sensing surface: 32 × 0.265 dia. array
(emitter and receiver fibers
in alternating arrangement)
Two, 2.2 dia.
Sensing surface
(3×30)
(PMMA)
18
69
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks
on both sides
2.2 dia.
65
45
2,000
12
23
18.5
5
(ABS)
Sensing surface
(2×11) (PMMA)
* Stickers with slits of widths 0.5 and
1 mm (2 of each) provided.
(Heat-resistant ABS)
19
27
14.5
10.7
2,000
7
4
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks
on both sides
4
2.2 dia.
Model display tube
Sensing head (ABS)
Protective cover (PVC)
Optical fiber: 2.2 dia.
Cross-section A-A
Sensing surface,
Sixteen, 0.265 dia.
Two, 3.2 dia.
28.4 8.4
10
12
20
(45)
32
A
A
7
15.9
10
2,000 (standard length)
4,000 *1
4,000 *1
1,680
1,440
1,050
300
17.8
27
4
4
27
14.5
E32-T16PR 2M
Type
Sensing
width
Area
Array
11 mm
10 mm
Flexible,
R1
R5
(0.2 dia./
0.07 dia.)
*2
11 dia.
E32-T16JR 2M
2,550
440
49-A
49-B
E32-G16 2M
49-D
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
49 Page
Dimensions
No.
ST :
SHS:
2,250
380
ST :
SHS:
10
10
ST :
SHS:
IP50
IP50
IP50
E32-D36P1 2M
Type
Sensing
width
Array
11 mm
Bend-
resistant,
R4
(5 μm dia./
2 μm dia.)
450
90
49-E
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Model
49 Page
Dimensions
No.
ST :
SHS:
10
10
10
10
3,100
1,120
2,750
960
1,700
440
E3X-HD
ST :
SHS:
1,500
380
ST :
SHS:
10
10
ST :
SHS:
4,000 *1
2,550
23
69
5
30 mm
(0.3 dia./
0.1 dia.)
*2
E32-T16WR 2M
49-C
3,900
680
ST :
SHS:
IP50
4,000 *1
1,700
2,600
680
ST :
SHS:
700
200
300
90
E3X-HD
ST :
SHS:
IP67
15
25
5
E3NX-FA
E3NX-FA
Other modes
HS
GIGA
Other modes
HS
GIGA
Other modes
HS
GIGA
Other modes
HS
GIGA
32
20
7
Detection of workpieces with holes
Detection of falling workpieces
Meander detection
Specifications
Dimensions
•
Area beams are optimum for detecting workpieces presented in inconsistent
positions, such as falling workpieces, or for meander detection, or for detecting
workpieces with holes.
•
This Fiber Unit is ideal for meander
detectin because it outputs the
digital value in a linear relation to the
interrupted light distance.
Through-beam Fiber Units
Through-beam Fiber Units (Set of 2)
Characteristics of Light Interruption (Reference Value)
0
2500
5000
7500
9999
1 2 3 4 5 6 7 8 9 10 11
Light interruption distance (mm)
E32-T16PR+E3NX-FA21
Light interruption
distance
Sensing distance: 300 mm
Passing distance of workpiece
Reflective Fiber Units
Through-beam Fiber Units (Set of 2)
Installation Information → 59 Page
Installation Information → 60 Page
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
Note 1.
2.
*1
*2
The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
The values for the minimum sensing object were obtained for detection in the sensing area with the sensing distance set to 300 mm.
(The values are for a stationary sensing object.)
The first value is for the E3X-HD and the second value is for the E3NX-FA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com