Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSP1 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # E39-RSP1
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSP1 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E39-RSP1 Datasheet HTML 15Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 16Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 17Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 18Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 19Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 20Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 21Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 22Page - Omron Electronics LLC E39-RSP1 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
Saving Space
Sleeve Models (Close-range Detection)
Saving Space
Sleeve Models (Close-range Detection)
18
18
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
19
19
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Through-beam → 16 Page
Reflective → This Page
E32-D33 2M (Free Cutting)
19-E
*Attached with adhesive and cannot be removed.
E32-D24R 2M (Free Cutting)
E32-D331 2M (No Cutting)
19-A
19-D
E32-DC200F4R 2M (Free Cutting)
19-H
E32-D43M 1M (No Cutting)
19-C
E32-DC200BR 2M (Free Cutting)
19-K
E32-D21-S3 2M (Free Cutting)
19-J
E32-D25-S3 2M (Free Cutting)
19-L
35
12
15
15
1.25
2,000
E39-F9: Provided
Heat-shrinkable tube
Two, 1 dia.
3 dia. (SUS304)
Stainless-steel tube 2 dia.
Light baffle
Sensing surface
2.5
Sensing surface
Two, 0.5 dia.
11
2,000
E39-F9: Provided
Opposite side 5.5, thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated brass)
Stainless-steel tube
1.2 dia. max. (SUS304)
Two, 1 dia.
40
M3×0.5 (SUS304)
125
1,000
15
15
15
3
5
Model display tube
Brancher: 3.5 dia.
0.9 dia.
Fiber Attachment *
1.5 dia. (SUS303)
Stainless-steel tube 0.5 dia.
Sensing surface
Four, 0.125 dia.
Protective tube
2.1 dia.
100
2,000
15
Stainless-steel tube
0.5 dia.
Brancher: 3.5 dia.
Fiber Attachment *
1.2 dia. Irrax tube
Sensing surface
Two, 0.125 dia.
15
15
2 dia. (SUS303)
Opposite side 10,
thickness 2.4 (Nickel-plated brass)
Washer (Nickel-plated iron)
Stainless-steel tube
2.5 dia. max.
(SUS304)
2,000
17
90
5.2
M6×0.75
(Nickel-plated brass) (fine thread)
Two, 2.2 dia.
Sensing
surface
Two, 1 dia.
E32-D24-S2 2M (Free Cutting)
19-B
E32-D31-S1 0.5M (No Cutting)
19-G
E32-D22-S1 2M (Free Cutting)
19-I
E32-D32-S1 0.5M (No Cutting)
19-F
3.55
Two, 2.2 dia.
4.8 dia.
(SUS304)
Stainless-steel tube 2.1 dia.
Sensing surface
65
15
2,000
1.2 dia.
3 dia.
(SUS303)
Stainless-steel tube 0.82 dia.
Brancher: 3.5 dia.
Fiber Attachment *
Sensing surface
Two, 0.265 dia.
5
15
500
100
15
*Attached with adhesive and cannot be removed.
2
Optical fiber Two, 1 dia.
4 dia.
(SUS303)
Stainless-steel
tube 1.65 dia.
E39-F9: Provided
Sensing surface Two, 0.5 dia.
2000
15
22
10
3
9.5
2.75
3
2
Two, 1 dia.
(Nickel-plated brass)
Stainless-steel tube
1.65 dia.
Sensing surface Two, 0.5 dia.
15
2000
67
*Attached with adhesive and cannot be removed.
100
15
Optical fiber 1.2 dia.
Stainless-steel tube 0.82 dia.
Sensing surface
Two, 0.265 dia.
Opposite side 5.5,
thickness 1.8 (Nickel-plated brass)
Washer (Nickel-plated iron)
M3×0.5 (Nickel-plated brass)
500
15
15
Brancher: 3.5 dia.
2.5
Optical fiber Two, 1 dia.
E39-F9:
Provided
1.3 dia.
3.2
Sensing surface Two, 0.5 dia.
Stainless-steel tube 1.65 dia.
Opposite side 7, thickness 2.4
(Nickel-plated brass)
Washer (Nickel-plated iron)
M4×0.7 (Nickel-plated brass)
2
67
15
2000
Fiber Attachment *
180
67
210
60
100
30
94
27
100
30
1,260
360
370
100
370
100
21
6
42
12
120
45
3 dia.
2 dia.
15
20
4.8 dia.
2.1 dia.
65
15
3 dia.
0.8 dia.
20
15
2 dia.
0.5 dia.
15
15
M3
1.2 dia.
40
11
E32-D24R 2M
E32-D24-S2 2M
Top-view
Side-view
Flexible,
R1
R25
R4
R4
R25
Flexible,
R1
Flexible,
R1
R10
R10
(5 μm dia./
2 μm dia.)
E32-DC200F4R 2M
E32-D31-S1 0.5M
E32-D32-S1 0.5M
45
8
19-A
19-B
19-C
E32-D33 2M
E32-D43M 1M
E32-D331 2M
E32-DC200BR 2M
E32-D21-S3 2M
E32-D25-S3 2M
E32-D22-S1 2M
19-D
19-E
19-F
19-G
19-H
19-I
19-K
19-J
19-L
Appearance (mm)
Sensing direction
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
19 Page
Dimensions
No.
ST :
SHS:
79
14
ST :
SHS:
53
14
ST :
SHS:
90
16
ST :
SHS:
160
30
ST :
SHS:
45
8
ST :
SHS:
40
7
ST :
SHS:
18
4
ST :
SHS:
9
2
ST :
SHS:
520
100
ST :
SHS:
160
30
ST :
SHS:
110
30
ST :
SHS:
27
7
ST :
SHS:
110
30
ST :
SHS:
140
40
70
20
63
18
70
20
840
240
250
72
250
72
14
4
28
8
30
8
E3X-HD
Other modes
HS
GIGA
Other modes
HS
GIGA
ST :
SHS:
60
16
ST :
SHS:
30
8
ST :
SHS:
12
4
ST :
SHS:
6
2
ST :
SHS:
350
100
ST :
SHS:
IP67
IP67
IP67
IP67
IP67
IP67
IP67
The sleeve
cannot
be bent.
Sleeve bending
radius:
25 mm
The sleeve cannot
be bent.
The sleeve cannot
be bent.
The sleeve
cannot
be bent.
Sleeve bending
radius:
5 mm
IP67
IP67
IP67
IP67
IP67
E3NX-FA
1.5 dia.
0.5 dia.
15
3
The sleeve
cannot
be bent.
The sleeve
cannot
be bent.
M3
0.82 dia.
15
15
3 dia.
0.82 dia.
5
15
The sleeve
cannot
be bent.
Sleeve bending
radius:
10 mm
1.65
dia.
67
16
1.65
dia.
22
15
4
dia.
M4
Sleeve bending
radius:
10 mm
1.65
dia.
67
15
10
3
2.5
dia.
M6
90
17
The sleeve
cannot
be bent.
Specifications
Dimensions
Reflective Fiber Units
Installation Information → 58, 59 Page
Reflective Fiber Units
Sleeve Bender (sold separately)
In case of bending sleeve
The E32-DC200F4R , E32-D21-S3 and E32-D25-S3 have bendable sleeves.
Use the Sleeve Bender to bend them.
Appearance
Applicable Fiber Units
Model
E32-DC200F4R
E32-D21-S3
E32-D25-S3
Uses for the bending
of the sleeve.
E39-F11
• Sleeve Fiber Units allow detection away from
the point of installation for stable close-range
detection of small objects.
• The shape of sleeve can be changed freely.
(Refer to the sleeve bending specifications in the
Appearance column of the specifications table.)
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Fiber Units are for white paper.
Note 1.
2.
3.
- Reference Information for Model Selection -
*Attached with adhesive and cannot be removed.
Stainless-steel tube
0.8 dia.
Heat-shrinkable tube
Two, 1 dia.
35
2,000
12
E39-F9: Provided
Sensing surface
Two, 0.25 dia.
15
15
3 dia. (SUS303)
E39-F9: Provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com